Electronic Components Datasheet Search
  English  ▼

X  

3889 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3889
Description  100" × .100" Latch/Ejector, Straight and Right Angle
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3889 Datasheet(HTML) 1 Page - 3M Electronics

  3889 Datasheet HTML 1Page - 3M Electronics 3889 Datasheet HTML 2Page - 3M Electronics 3889 Datasheet HTML 3Page - 3M Electronics 3889 Datasheet HTML 4Page - 3M Electronics 3889 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Four-Wall Header
.100" × .100" Latch/Ejector, Straight and Right Angle
3000 Series
• Military (with 3M’s 3518 & N3518 polarizing key) and
centerbump polarization
• Optional ejector latches
• Mounting holes for securing header to board
• Optional polarizing posts available
• High temperature insulator option suitable for “no lead”
soldering operations
• High temperature option suitable for reflow soldering
using “paste in hole” techniques
• Solder tail option
• See the Regulatory Information Appendix (RIA) in the
“RoHS compliance” section of www.3Mconnectors.com
for compliance information
Date Modified: October 2, 2012
TS-0772-P
Sheet 1 of 4
Physical
Insulator:
Material: Glass Filled Polyester (PBT)
Glass Filled Polyester (PCT) - (High Temp Option)
Flammability: UL 94V-0
Color: Gray (PBT), Black (PCT)
Contact:
Material: Copper Alloy
Plating:
Underplating: 100 µ” [2.54 µm] Nickel - Overall
Wiping Area: 30 µ” [ 0.76 μm ] Gold
Solder Tails: Tin Lead or Matte Tin (See Ordering Information)
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating: 5.00A, 1 Contact Powered
3.00 A, 6 Contacts Powered
1.75 A, All Contacts Powered
Rating Conditions: EIA-364-070 Method 2, 30°C maximum temperature rise,
20% derated. Reference appropriate 3M Product Specification for detailed current
derating curves.
Insulation Resistance: >1 × 109
Ω at 500 VDC
Withstanding Voltage: 1,000 VRMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Rating: High Temp PCT insulator version: 260°C, per J-STD-020C, single pass
PBT insulator version: 191°C, maximum insulator temperature, solder wave
process only
Moisture Sensitivity Level: 1 (per J-STD-020C) High Temp. (PCT) versions only
UL File No.: E68080


Similar Part No. - 3889

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3889 3M-3889 Datasheet
749Kb / 6P
4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
Adafruit Industries
3889 ADAFRUIT-3889 Datasheet
148Kb / 1P
Silicone Cover Stranded Core Ribbon Cable 4 Wires 1 Meter Long 30 AWG Black
logo
Festo Corporation.
3889257 FESTO-3889257 Datasheet
99Kb / 1P
Mounting bracket
More results

Similar Description - 3889

ManufacturerPart #DatasheetDescription
logo
3M Electronics
81068-600C04 3M-81068-600C04 Datasheet
1Mb / 8P
.050 × .100 Latch/Ejector, PTH & SMT Straight, PTH Right Angle 810 Series
14-Nov-2012
3428-1303 3M-3428-1303 Datasheet
1Mb / 6P
3M™ Three-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
3433-5005 3M-3433-5005 Datasheet
1Mb / 5P
Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
D3408-6002-AR 3M-D3408-6002-AR Datasheet
1Mb / 5P
Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
D3793-6202-AR 3M-D3793-6202-AR Datasheet
1Mb / 5P
100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3408-6002RB 3M-N3408-6002RB Datasheet
1Mb / 5P
.100 × .100 Latch/Ejector, Straight and Right Angle
260
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
N3793-6002RB 3M-N3793-6002RB Datasheet
1Mb / 5P
100 x 100 Latch/Ejector, Straight and Right Angle
260
N3793-2203RB 3M-N3793-2203RB Datasheet
1Mb / 6P
.100 × .100 Latch/Ejector, Straight and Right Angle
21-May-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com