Electronic Components Datasheet Search
  English  ▼

X  

3372 Datasheet(PDF) 4 Page - 3M Electronics

Part # 3372
Description  100" × .100" Latch/Ejector, Straight and Right Angle
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3372 Datasheet(HTML) 4 Page - 3M Electronics

  3372 Datasheet HTML 1Page - 3M Electronics 3372 Datasheet HTML 2Page - 3M Electronics 3372 Datasheet HTML 3Page - 3M Electronics 3372 Datasheet HTML 4Page - 3M Electronics 3372 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Four-Wall Header
.100" × .100" Latch/Ejector, Straight and Right Angle
3000 Series
TS-0772-P
Sheet 4 of 4
Part Customization
This spec sheet details our standard offering.
3M has several capabilities that can provide a part tailored
to your specific needs. Ask your 3M sales representative
or customer service for more details.
Both snap in and roll pin latches may be ordered sepa-
rately. Snap in and roll style latches are dimensionally and
functionally equivalent. If ordering snap-in or roll pin style
latches separately, please use the below chart.
Short
Latch
Long Latch Latch
Style
Color
Standard Temperature
(PBT)
3505-2
3505-3
Roll Pin
Gray
High Temperature
(PCT)
N3505-2B
N3505-3B
Roll Pin
Black
High Temperature
(PBT)
3505-30
3505-31
Snap-In
Gray
High Temperature
(PPA)
N3505-30B N3505-31B Snap-In
Black
• Selective pin removal (ATA or other compatability)
• Wire wrap tails styles
Mounting Hardware
.31
[7.9]
.50
[12.7]
3341-5
(Installed from bottom of board)
3341-6
(Must be inserted prior to latch on
vertical headers)
Panhead Thread Cutting Screw:
#4-24 X 5/16”
Type: USA Std BT, Federal BG
Hex Head Bolt, Nut and Washer
Bolt - #2-56 X 1/2”
3341-5 & 6
Material - Stainless Steel
Polarizing Post
.318
[8.08]
.100 Dia
[2.54]
Note: Insert Post into one mounting hardware hole on bottom of header.
Set post to protrude .115” [2.92].
3201-4
LCP
Black
3201-5
PBT
Gray
2500 & 3000 Series Shrouded Header
Total Number
of Pins
Number of
Tails Kinked
Positions Kinked
10
4
3
4
7
8
14
4
3
4
11
12
16
4
3
4
13
14
20
4
3
4
17
18
24
4
3
4
21
22
26
4
3
4
23
24
30
4
5
6
25
26
34
4
7
8
27
28
36
4
7
8
27
28
40
4
7
8
33
34
50
4
7
8
43
44
60
4
11
12 49
50
64
4
11
12 53
54
Kinked Tail Detail:
Kink is located .05” below bottom surface of plastic.
External radius of kink toward part centerline.
Polarizing Keys
Dim A
N3518
LCP
Black
.02
3518
PBT
Gray
.02
.15
[3.8]
.09
[2.3]
A
Breakaway Tab
.34 Ref
[8.6]
Note: #2216 B/A Scotchweld can be used to adhere keys.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com