Electronic Components Datasheet Search
  English  ▼

X  

CDEP147ME Datasheet(PDF) 42 Page - Sumida Corporation

Part # CDEP147ME
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147ME Datasheet(HTML) 42 Page - Sumida Corporation

Back Button CDEP147ME Datasheet HTML 38Page - Sumida Corporation CDEP147ME Datasheet HTML 39Page - Sumida Corporation CDEP147ME Datasheet HTML 40Page - Sumida Corporation CDEP147ME Datasheet HTML 41Page - Sumida Corporation CDEP147ME Datasheet HTML 42Page - Sumida Corporation CDEP147ME Datasheet HTML 43Page - Sumida Corporation CDEP147ME Datasheet HTML 44Page - Sumida Corporation CDEP147ME Datasheet HTML 45Page - Sumida Corporation CDEP147ME Datasheet HTML 46Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 156 page
background image
42
CLQ72
Application
1. Pager
2. P.D.A.
3. Digital still camera
1. Isolation transformer
2. Notebook PC
1. Digital still camera
2. Digital video camera
3. LCD TV
1. Digital still camera
2. Digital video camera
3. LCD TV
1. Digital still camera
2. Digital video camera
3. LCD TV
: Max. 3.0mH
: Max. 1MHz
: 240mW (300kHz), 400mW (500kHz), 800mW (1MHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
Application
: Max. 1mH
: Max. 1MHz
: 700mW (500kHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
1. Less leakage magnetic flux because of use of toroidal core
Features
CBM74
Application
: Max. 5.0mH
: Max. 1MHz
: 450mW (300kHz), 700mW (500kHz), 1.4W (1MHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
CLQ7D23
Application
: Max. 4.0mH
: Max. 1MHz
: 640mW (300kHz), 1.0W (500kHz), 2.0W (1MHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
CLQ7D27
CLQ7D37
Application
: Max. 5.2mH
: Max. 1MHz
: 1.0W (300kHz), 1.8W (500kHz), 3.0W (1MHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
* In order to prevent short-circuiting, a solder resist is recommended.
* ショート防止の為、
ソルダレジスト推奨
* In order to prevent short-circuiting, a solder resist is recommended.
* ショート防止の為、
ソルダレジスト推奨
* In order to prevent short-circuiting, a solder resist is recommended.
* ショート防止の為、
ソルダレジスト推奨
* In order to prevent short-circuiting, a solder resist is recommended.
* ショート防止の為、
ソルダレジスト推奨
DC-DC Converter Transformers < SMD type & Multiple Output Transformers >
Max. 7.0
Max. 3.0
3-1.27
0.4
Max. 4.5
Max. 7.8
3-1.27
7.3
8.3
5.7
Max. 2.5
6.0
7.7
Max. 9.8
Max. 3.0
6.0
7.7
Max. 9.8
6.0
Max. 9.8
Max. 4.0
7.7
5.5
1.4
Solder Resist
5.5
2.5
Solder Resist
5.5
2.5
Solder Resist
5.5
2.5
Solder Resist
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com