Electronic Components Datasheet Search
  English  ▼

X  

ZS16 Datasheet(PDF) 3 Page - ABB

Part # ZS16
Description  ZS16 Screw Clamp Terminal Blocks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ZS16 Datasheet(HTML) 3 Page - ABB

  ZS16 Datasheet HTML 1Page - ABB ZS16 Datasheet HTML 2Page - ABB ZS16 Datasheet HTML 3Page - ABB ZS16 Datasheet HTML 4Page - ABB ZS16 Datasheet HTML 5Page - ABB ZS16 Datasheet HTML 6Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Multi Connecting capacity per clamp
Cross section
Electrical characteristics
Current
Field and factory wiring Cat.2
Factory wiring Cat.1
0.5 s
5 s
10 s
30 s
1 min
Short Circuit Current Rating (SCCR) SA UL 1059 supplement
Suitable conductor wire range
Maximum voltage
Fuse class / Max. amp. Rating
Voltage
3
As part of its on-going product improvement, ABB reserves the right to modify the characteristics or the products described in this document.
The information given is not contractual. For further details please contact the ABB company marketing these products in your country.
0.5 ... 6 mm²
0.5 ... 6 mm²
Don't mix solid and flexible conductors in the same clamp
Manufacturer data
0.5 ... 6 mm²
UL 1059 67 A
Rated current
76 A
Rated short-time withstand current 1 s (Icw)
1920 A
CSA-C-22.2 n°158 67 A
Maximum Cross section
Manufacturer data 16 mm²
Manufacturer data 4 AWG
Don't mix solid or flexible conductors of different sizes in the same clamp
The "Connecting capacity with ferrule" data is guaranteed with ABB crimping tool PS-3 (crimping capacity up to 10 mm²)
Rated cross section
16 mm²
4 AWG
Manufacturer data
20 ... 10 AWG
UL 1059 67 A
Manufacturer data 836 A
Manufacturer data 1216 A
Short-time withstand current
Manufacturer data 4028 A
Maximum Exe current
IEC/EN 60079-7 76 A
Rated short-circuit withstand current
UL 1059
Manufacturer data 304 A
Manufacturer data 456 A
14 ... 4 AWG
600 V
16 mm²
SCCR
UL 1059 100 kA
With the following configurations:
Maximum short circuit current (1s)
Manufacturer data 1920 A
Manufacturer data 76 A
Max. current (45° temperature increase) / Max. cross section (mm²)
RK1 100 A
RK5 30 A
J 150 A
T 150 A
Rated voltage
IEC 60947-1 1000 V
Rated voltage
UL 1059 600 V
G 60 A
CC 30 A
3
Rated voltage Ex e
IEC/ EN 60079-7 693 V
Rated impulse withstand voltage
IEC 60947-1 8000 V
Use Group
UL 1059 B, C
Rated voltage
CSA-C-22.2 n°158 600 V
Overvoltage category
IEC 60947-1 III
2 Rigid - Solid / Stranded
conductors
2 Flexible conductors
2 Flexible conductors with twin
ferrule
Norme
Value
Norme
Value
Norme
Value
20 ... 10 AWG
Dielectric test voltage
IEC 60947-1 2200 V
Pollution degree
IEC 60947-1
Technical Datasheet
1SNK161017D0201
ABB |



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com