Electronic Components Datasheet Search
  English  ▼

X  

914 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # 914
Description  SB® 350 Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

914 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  914 Datasheet HTML 1Page - Anderson Power Products, Inc. 914 Datasheet HTML 2Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SPECIFICATIONS
ORDERING INFORMATION
Anderson Power Products®
HEADQUARTERS:
13 Pratts Junction Road, P.O. Box 579, Sterling, MA 01564
T:978-422-3600
F:978-422-3700
EUROPE:
Rathealy Road, Fermoy Co. Cork, Ireland
T:353-(0)25-32277
F:353-(0)25-32296
www.andersonpower.com
The innovative SB® connectors provide cost-
effective reliability, design flexibility and
safety for your products' manufacture,
installation and maintenance.
APP's 2 pole connector is available with a
350 amp rating, 600 Volts continuous AC or
DC operation. There are SB® connectors for
many applications and wire sizes, 2/0 AWG
to 300 mcm (67.4 to 152 mm²). Mechanical
keys ensure connectors will only mate with
connectors of the same color. Different color
housings are selected to identify voltages,
thus preventing mismatching of the power
supply system.
2 Pole Housing & 350 amp
Contacts
Part
Housing
Wire
Number
Color
AWG
sq. mm
6320G1
Gray
2/0
67.4
6320G2
Gray
4/0
107.2
6320G4
Gray
300 mcm
152.0
6320G5
Gray
3/0
85.0
6321G1
Blue
2/0
67.4
6321G2
Blue
4/0
107.2
6321G4
Blue
300 mcm
152.0
6321G5
Blue
3/0
85.0
6322G1
Red
2/0
67.4
6322G2
Red
4/0
107.2
6322G
Red
300 mcm
152.0
6322G5
Red
3/0
85.0
6323G1
Yellow
2/0
67.4
6323G2
Yellow
4/0
107.2
6323G4
Yellow
300 mcm
152.0
6323G5
Yellow
3/0
85.0
2 Pole Housing & 350 amp
Contacts continued
Part
Wire
Number
Description
AWG
sq. mm
6324G1
Green
2/0
67.4
6324G2
Green
4/0
107.2
6324G4
Green
300 mcm
152.0
6324G5
Green
3/0
85.0
6400G1
Orange
2/0
67.4
6400G2
Orange
4/0
107.2
6400G4
Orange
300 mcm
152.0
6400G5
Orange
3/0
85.0
Housings Only
Part
Number
Color
906
Gray
912
Blue
913
Red
Connector Model
SB ®350
Connector Model
SB ®350
UL Current Rating (Amperes)*
350*
Life
a. No load (Contact/Disconnect Cycles)
To 10,000
UL Voltage Ratings (Volts)
600*
b. Under Load (Hot Plug 250 cycles @ 120V)
100A
Contact Barrel Wire Size (AWG)
2/0 to 300 mcm
Avg. Connection/Disconnect (lbs)
30
(mm²)
67.4 o 152
Operating Temperature Range °C**
-20° to 105°
Maximum Wire Insulation Diameter (inches)
1.10
(mm)
27.94
Flammability Rating of Housing Material
UL94 V-0
AVG Contact Resistance*
50
(micro-ohms)
Insulation Withstanding
2200
Test Voltage (Volts AC/DC)
Contact Retention Force (lbs)
500
* UL Rated for 65°C rated wire or cable size
** Contact factory for higher temperature rated connector
SB®, UL and CSA Reference: This equipment is an Underwriters Laboratories Inc® recognized component.
It is also listed by the Canadian Standards Association as certified.
FEATURES
• Mechanical keyed housings
Prevents accidental mating of components
operating at different voltage levels
• Single-piece housing and
unitized construction
Provides industrial quality and durability
• Genderless design
Makes assembly quick and easy and
reduces number of parts stocked
SB®350
Connector
housings continued
Part
Number
Color
914
Yellow
931
Green
932
Orange
Contacts
Part
Wire
Number
Description
AWG
sq. mm
917
Contact set (2)
1/0
53.5
907
Contact set (2)
2/0
67.4
916
Contact set (2)
3/0
85.0
908
Contact set (2)
4/0
107.2
910
Contact set (2)
300 mcm
152.0
... continued on back page


Similar Part No. - 914

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
914 ALPHAWIRE-914 Datasheet
191Kb / 3P
M12?륚 Plastic Passive I/O Box
logo
3M Electronics
914 3M-914 Datasheet
135Kb / 4P
ATG Gold Adhesive Transfer Tape
Mar-2014
logo
Anderson Power Products...
914 APP-914 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
logo
Abbatron All Rights Res...
914 ABBATRON-914 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
914 ADAFRUIT-914 Datasheet
110Kb / 2P
Adafruit Assembled Pi Cobbler Breakout Cable for Raspberry Pi - Model B
More results

Similar Description - 914

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623688 PHOENIX-1623688 Datasheet
391Kb / 8P
Cable connector - SB-8ESSD8A8L34S
02/04/2022
1623714 PHOENIX-1623714 Datasheet
335Kb / 8P
Coupler connector - SB-8EPSD8A9L33S
02/04/2022
logo
Anderson Power Products...
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
logo
Lapp.
0091350 LAPP-0091350 Datasheet
72Kb / 1P
OLFLEX® HEAT 350 SC
01.01.2019
0091370 LAPP-0091370 Datasheet
72Kb / 1P
OLFLEX® HEAT 350 MC
01.01.2019
logo
PHOENIX CONTACT
1244865 PHOENIX-1244865 Datasheet
504Kb / 13P
SB-8EPSA8A8L33SX - Cable connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com