Electronic Components Datasheet Search
  English  ▼

X  

OTBVR81L Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # OTBVR81L
Description  Momentary Action Optical Touch Buttons
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

OTBVR81L Datasheet(HTML) 2 Page - Banner Engineering Corp.

  OTBVR81L Datasheet HTML 1Page - Banner Engineering Corp. OTBVR81L Datasheet HTML 2Page - Banner Engineering Corp. OTBVR81L Datasheet HTML 3Page - Banner Engineering Corp. OTBVR81L Datasheet HTML 4Page - Banner Engineering Corp. OTBVR81L Datasheet HTML 5Page - Banner Engineering Corp. OTBVR81L Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
OTBVP6(L) and OTBVP6(L)QD
complementary
sourcing outputs
OTBVN6(L) and OTBVN6(L)QD
complementary
sinking outputs
Models
OTBA5(L)
120V ac, SPDT electromechanical relay
output, 6-foot attached cable
OTBA5(L)QD
120V ac, SPDT electromechanical relay
output, QD base (use MBCC-512 cable)
OTBB5(L)
220/240V ac, SPDT electromechanical relay
output, 6-foot attached cable
OTBB5(L)QD
220/240V ac, SPDT electromechanical relay
output, QD base (use MBCC-512 cable)
OTBVR81(L)
20-30V ac or dc*, SPDT electromechanical
relay output, 6-foot attached cable)
OTBVR81(L)QD
20-30V ac or dc*, SPDT electromechanical
relay output, QD base (use MBCC-512 cable)
OTB Series Momentary Action OPTO-TOUCH
QD models
require model
MBCC-512
cable
(p/n 25496,
purchase
separately).
Model
OTBVN6(L)QD
requires
MBCC-412
cable
(p/n 25226,
purchase
separately).
Model
OTBVP6(L)QD
requires
MBCC-412
cable
(p/n 25226,
purchase
separately).
Quick Disconnect (QD) Option (order model MBCC-412 or MBCC-512 mini-type cable)
SJT-type cable, 12 foot lengths
Cable connector end view, MBCC-412
Cable connector end view, MBCC-512
Cable connector, side view
cable (p/n 25226), for dc-only models
cable (p/n 25496), for ac and ac/dc models
(MBCC-412 and MBCC-512 cable)
Hookup Information and Model Listing
AC and AC/DC models (see page 5 for ordering information)
Add "L" to specify Lexan® upper housing (others are polysulfone);
"QD" in model suffix indicates Quick Disconnect base.
(+)
(-)
*20-30V dc power may be applied without regard to polarity
The model SMB30S swivel-mount bracket (p/n 33204) is a versatile means for
mounting a Banner OPTO-TOUCH Optical Touch Button. The SMB30S lets you ergonomically
position the OPTO-TOUCH on most machinery for maximum operator comfort and convenience.
The SMB30S mounts by its base. Its swivel ball locks snugly in place when its two clamping bolts
are tightened. Bracket material is black VALOX®. Hardware is stainless steel, and mounting bolts
are included.
The photo shows a model SMB30S bracket with an OPTO-TOUCH attached.
Hookup Information and Model Listing
10-30V DC models (see page 5 for ordering information)
Add "L" to specify Lexan® upper housing (others are polysulfone);
"QD" in model suffix indicates Quick Disconnect base.
(+)
(-)
OTBA5 models: 105 to 130Vac
OTBB5 models: 210 to 250V ac
OTBVR81 models: 20 to 30V ac or dc*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com