Electronic Components Datasheet Search
  English  ▼

X  

MPC850 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC850
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC850 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
31
Bus Signal Timing
Table 7 provides interrupt timing for the MPC850.
Figure 22 provides the interrupt detection timing for the external level-sensitive lines.
Figure 22. Interrupt Detection Timing for External Level Sensitive Lines
Figure 23 provides the interrupt detection timing for the external edge-sensitive lines.
Figure 23. Interrupt Detection Timing for External Edge Sensitive Lines
Table 7. Interrupt Timing
Num
Characteristic 1
1
The timings I39 and I40 describe the testing conditions under which the IRQ lines are tested when being defined as
level sensitive. The IRQ lines are synchronized internally and do not have to be asserted or negated with reference
to the CLKOUT.
The timings I41, I42, and I43 are specified to allow the correct function of the IRQ lines detection circuitry, and has no
direct relation with the total system interrupt latency that the MPC850 is able to support
50 MHz
66MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
I39
IRQx valid to CLKOUT rising edge (set up time)
6.00
—
6.00
—
6.00
—
ns
I40
IRQx hold time after CLKOUT.
2.00
—
2.00
—
2.00
—
ns
I41
IRQx pulse width low
3.00
—
3.00
—
3.00
—
ns
I42
IRQx pulse width high
3.00
—
3.00
—
3.00
—
ns
I43
IRQx edge-to-edge time
80.00
—
121.0
—
100.0
—
ns
CLKOUT
IRQx
I39
I40
CLKOUT
IRQx
I39
I41
I42
I43
I43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com