Electronic Components Datasheet Search
  English  ▼

X  

MPC850DSL Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC850DSL
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850DSL Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC850DSL Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
63
Mechanical Data and Ordering Information
9
Mechanical Data and Ordering Information
Table 26 provides information on the MPC850 derivative devices.
Table 27 identifies the packages and operating frequencies available for the MPC850.
9.1
Pin Assignments and Mechanical Dimensions of the PBGA
The original pin numbering of the MPC850 conformed to a Freescale proprietary pin numbering scheme
that has since been replaced by the JEDEC pin numbering standard for this package type. To support
Table 26. MPC850 Family Derivatives
Device
Ethernet Support
Number of SCCs 1
1
Serial Communication Controller (SCC)
32-Channel HDLC
Support
64-Channel HDLC
Support 2
2
50 MHz version supports 64 time slots on a time division multiplexed line using one SCC
MPC850
N/A
One
N/A
N/A
MPC850DE
Yes
Two
N/A
N/A
MPC850SR
Yes
Two
N/A
Yes
MPC850DSL
Yes
Two
No
No
Table 27. MPC850 Package/Frequency/Availability
Package Type
Frequency (MHz)
Temperature (Tj)
Order Number
256-Lead Plastic Ball Grid Array
(ZT suffix)
50
0°C to 95°C
XPC850ZT50BU
XPC850DEZT50BU
XPC850SRZT50BU
XPC850DSLZT50BU
66
0°C to 95°C
XPC850ZT66BU
XPC850DEZT66BU
XPC850SRZT66BU
80
0°C to 95°C
XPC850ZT80BU
XPC850DEZT80BU
XPC850SRZT80BU
256-Lead Plastic Ball Grid Array
(CZT suffix)
50
-40°C to 95°C
XPC850CZT50BU
XPC850DECZT50BU
XPC850SRCZT50BU
XPC850DSLCZT50BU
66
XPC850CZT66BU
XPC850DECZT66BU
XPC850SRCZT66BU
80
XPC850CZT80B
XPC850DECZT80B
XPC850SRCZT80B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com