Electronic Components Datasheet Search
  English  ▼

X  

IG4750 Datasheet(PDF) 37 Page - Cooper Bussmann, Inc.

Part # IG4750
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

IG4750 Datasheet(HTML) 37 Page - Cooper Bussmann, Inc.

Back Button IG4750 Datasheet HTML 33Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 34Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 35Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 36Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 37Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 38Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 39Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 40Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 41Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
E-30
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
20A 4 Pole, 5 Wire Industrial Specification Grade
Flanged Inlet and Outlet
FEATURES
■
All nylon construction.
■
Mounting holes interchangeable with
competitive units.
■
Back wire terminal clamps for easy
secure wiring.
■
Individual wiring compartments with tapered
channel for easy insertion of wires.
■
Combination head screws standard –
slot/Phillips in the U.S.
■
Add -C to catalog number for Canadian
screws – slot/Robertson head combination.
Industrial Specification Grade Flanged Inlets and Outlets
Rating
Catalog No.
AV/AC
NEMA
Color
Inlet
Outlet
20
120/208V 3ØY
L21-20
Black & White
CWL2120FI
CWL2120FO
20
120/208V 3ØY 400 HZ
Non-NEMA
White
6116*†
6118*#
20/10
250/600V
Non-NEMA
Gray
3524
3525
Black
3524BK
3525BK
20
277/480V 3ØY
L22-20
Black & White
CWL2220FI
CWL2220FO
20
347/600V 3ØY
L23-20
Black & White
CWL2320FI
CWL2320FO
†UL (file no. E1381)
#UL (file no. E2258)
*CSA (file no. LR16215)
NOTE: Weather Protective Covers and Enclosures from Cooper Wiring Devices that may be used
with these products are described on pages E-71, E-73 and E-74 in this section.
Industrial
Specification Grade
Hart-Lock®
Locking Devices
4 Pole, 5 Wire Grounding
Non-NEMA, 20A 120/208V 3ØY 400Hz
Non-NEMA 20/10A 250/600V
NEMA L21-20, 20A 120/208V 3ØY
NEMA L22-20, 20A 277/480V 3ØY
NEMA L23-20, 20A 347/600V 3ØY
TESTING & CODE
COMPLIANCE
• Listed to UL 498
Flanged Inlets:
(file no. E3663);
• Flanged Outlets:
Listed to UL 498,
(file no. E2369).
• cUL Certified to
CSA C22.2 no. 42
(file no. E3663
and E2369)
except as noted.
MATERIAL
CHARACTERISTICS
Nylon.
Environmental:
Flammability
per UL 94
requirements.
V2 rated except
6116, 6118.
Temperature Rating:
-40ºC to 80ºC
except 6116, 6118:
-40°C to 60°C.
L23-20P
Z
X
W
Y
G
X
W
Y
Z
G
L23-20R
X
W
Y
Z
G
L22-20P
X
W
Y
Z
G
L22-20R
L21-20P
X
W
Y
Z
G
L21-20R
X
W
Y
Z
G
CWL2120FI
6118
6116
2.03"
(51.6mm)
2.19"
(55.6mm)
3.06"
(77.7mm)
2.19"
(55.6mm)
1.96"
(49.78mm)
2.18"DIA.
(55.37mm)
3.06"
(77.72mm)
1.25"
(31.75mm)
R
C
2.03"
(51.6mm)
3.06"
(77.7mm)
2.19"
(55.6mm)
2.19"
(55.6mm)
Y
W
X
Z
RECEPTACLE
NON-NEMA
20A 250V
10A 600V
Y
X
Z
W
PLUG
NON-NEMA
20A 250V
10A 600V
Y
X
Z
W
RECEPTACLE
NON-NEMA
20A 120/208V
3ØY
400 Hz
Y
X
Z
W
PLUG
NON-NEMA
20A 120/208V
3ØY
400 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com