Electronic Components Datasheet Search
  English  ▼

X  

263137 Datasheet(PDF) 35 Page - Eaton All Rights Reserved.

Part # 263137
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

263137 Datasheet(HTML) 35 Page - Eaton All Rights Reserved.

Back Button 263137 Datasheet HTML 28Page - Eaton All Rights Reserved. 263137 Datasheet HTML 29Page - Eaton All Rights Reserved. 263137 Datasheet HTML 30Page - Eaton All Rights Reserved. 263137 Datasheet HTML 31Page - Eaton All Rights Reserved. 263137 Datasheet HTML 32Page - Eaton All Rights Reserved. 263137 Datasheet HTML 33Page - Eaton All Rights Reserved. 263137 Datasheet HTML 34Page - Eaton All Rights Reserved. 263137 Datasheet HTML 35Page - Eaton All Rights Reserved. 263137 Datasheet HTML 36Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
34
Surge Protection
19” Outlet Strips NWS-STL/19/7F
• Installation onto 19” rails
• Installation height: 1U
• Diagonally arranged socket outlets with earthing contact according to DIN 49440 or NF-C61314 (UTE), 16A / 250VAC
• Connection cable of 2.5 m H05VV-F 3G1,5 mm2 with an angled connector
• Max. power consumption: 3680 W
• Degree of protection: IP20
• Temperature range: -5°C to +40°C
• Dimensions: 482,6x44x44,45mm (WxDxH)
• Material: Enclosure made of aluminium, front cover made of plastic similar to RAL 7035
• Weight: approx. 0.9 kg
• Scope of delivery: 1 Outlet strip incl. 19“ fixing bracket, different fixing material
19" Outlet Strips with Surge Protection SPD-STL/19/7F-S/BL
• Can be mounted on 19“ rails
• Installation height: 1U
• Diagonally arranged socket outlets with earthing contact according to DIN 49440 or NF-C61314 (UTE), 16A / 250VAC
• Connection cable of 2.5 m H05VV-F 3G1,5 mm2 with an angled connector
• On/Off switch, 2-pole, lit
• Max. power consumption: 3680 W
• Degree of protection: IP20
• Temperature range: -5°C up to +40°C
• Surge protection tested according to IEC 61643-1 (Class: SPD Type 3)
• Response time: < 25 ns
• Dimensions: 482,6x44x44,45mm (WxDxH)
• Material: Enclosure made of aluminium, front cover made of plastic similar to RAL 7035
• Weight: approx. 0.9 kg
• Scope of delivery: 1 Outlet strip incl. 19“ fixing bracket, different fixing material
Surge Protection Outlet Strips with High-Grade Filter and Energy Absorption for full Equipment
Protection SPD-STL/6F-S
• Suitable for wall-mounting in indoor areas
• A 19“ fixing bracket is available as an option for mounting the strip in a cabinet
• Diagonally arranged socket outlets with earthing contact according to DIN 49440, 10A / 250VAC
• Connection cable of 1.0 m H05VV-F 3G1,0 mm2 with an angled connector
• On/Off switch with MCB that can be reset
• Max. power consumption: 2500 W
• Degree of protection: IP20
• Temperature range: -15°C to +70°C
• Surge protection tested according to IEC 61643-1 (Class: SPD Type 3)
• Response time: < 1 ns
• Dimensions: 390x42x52mm (WxDxH)
• Material: Enclosure made of plastic similar to RAL 7021
• Weight: approx. 0.4 kg
• Scope of delivery: 1 Multiple outlet strip
19" Fixing Bracket for SPD-STL/6F-S
• Fixing bracket for mounting surge protection outlet strips SPD-STL/6F-S on a 19” frame
• Mounting on 19” rails
• Installation height: 1U
• Material: Steel sheet, powder-coated RAL 7035
• Weight: approx. 0.4 kg
• Scope of delivery: 1 Fixing bracket, different fixing material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com