Electronic Components Datasheet Search
  English  ▼

X  

CS1420 Datasheet(PDF) 33 Page - Sumida Corporation

Part # CS1420
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CS1420 Datasheet(HTML) 33 Page - Sumida Corporation

Back Button CS1420 Datasheet HTML 29Page - Sumida Corporation CS1420 Datasheet HTML 30Page - Sumida Corporation CS1420 Datasheet HTML 31Page - Sumida Corporation CS1420 Datasheet HTML 32Page - Sumida Corporation CS1420 Datasheet HTML 33Page - Sumida Corporation CS1420 Datasheet HTML 34Page - Sumida Corporation CS1420 Datasheet HTML 35Page - Sumida Corporation CS1420 Datasheet HTML 36Page - Sumida Corporation CS1420 Datasheet HTML 37Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 156 page
background image
33
DC-DC Converter Transformers < Gate Driver Transformers >
CGDT76
GDT1310
PROVISIONAL
PROVISIONAL
About CGDT76, GDT1310
DC-DC Converter Transformers
Gate Driver Transformers
OUTLINE
Switching regulator.
Specifications
CGDT76
GDT1310
P05NZ-198
PS05-128
1:1
1:1:1
1500Vdc/1min
3000Vac/1min
Min. 1.7mH
850
µH±35%
Max. 8.0
µH
Max. 3.0
µH
264m
Ω
252m
Ω
30.24
63.36
222m
Ω
Type name
Parts No.
Turns ratio
Pri.-Sec. Insulation
Primary L 100KHz/0.01V
Leakage L 100KHz/0.01V
D.C.R.(Max)
Pri
Sec
E-T(V*
Ω µS)
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
Max. 7.9
Max. 18.5
Max. 10.0 3.5
±0.5
15.0
± 0.3
5.0
2.5
Ø1.0
square 0.65mm
Max. 6.3
4-2.54
6-0.7
×0.25
6-1.4
2.54
32
1
45
6
6
1
4
3
3
7
6
8
5
2
磁気構造図
/ 概要
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONNECTION
端子接続
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONNECTION
端子接続
CONSTRUCTION
スイッチングレギュレータ。
/ 仕様
型名
品名
巻数比
絶縁耐圧
インダクタンス
リーケージインダクタンス
直流抵抗
E.T積
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com