Electronic Components Datasheet Search
  English  ▼

X  

TP3REX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TP3REX
Description  Introducing the Class I, Division 2 certified TOUGHPIX DIGITHERM, US Edition.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP3REX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TP3REX Datasheet HTML 1Page - List of Unclassifed Manufacturers TP3REX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Introducing the Class I,
Division 2 certified
TOUGHPIX DIGITHERM,
US Edition. Professional
features in a pocket
sized package.
FEATURES CorDEXInstrumentsintroducestheTOUGHPIXDIGITHERM
TP3rEx(US), a full functioned compact, intrinsically safe,
digital imaging camera. This latest edition of TOUGHPIX
DIGITHERM, boasts the same core features of the ATEX
certified option but with the benefit of holding Class I, Division
2 certification by MET for the North American market.
With the ability to combine its 5MP digital image with its
80x60 thermal image, in real time, TOUGHPIX DIGITHERM
TP3rEx(US) offers a best in class feature set, enabling
not only standard digital camera operation but the added
benefit of temperature measurement. TOUGHPIX DIGITHERM
TP3rEx(US) offers users the ability to download images
either via a removable 8GB Memory Card or on-board Wi-Fi
technology.
Supplied with the powerful CorDEX CONNECT reporting
package, TOUGHPIX DIGITHERM TP3rEx(US) represents the
ultimate in compact digital imaging camera technology
intended for use in potentially hazardous (explosive) areas.
With it’s removable & rechargeable battery pack (supplied)
the end user can be confident that their TOUGHPIX DIGITHERM
TP3rEx(US) is kept running around the clock, maximizing
return on investment.
Rugged, powerful and with ground-breaking affordability,
TOUGHPIX DIGITHERM sets the standard with compact digital
imaging cameras. With must-have features including: 5
megapixel visual camera, LED flash, realtime visual/thermal
image blending, wireless connectivity, TOUGHPIX DIGITHERM
brings a new dimension to the task of finding, documenting
and sharing problems.
TOUGHPIX DIGITHERM next generation combination of high
resolution 5MP visual sensor, automatic motorised focus
plus large depth of field means that the need for a separate
macro-mode (a must for low resolution, fixed focus cameras)
isn’t required. TOUGHPIX DIGITHERM has the ability to resolve
images as close as 2 inches away with crystal clear detail
for targets approaching 1/32" square. No macro mode
switches plus realtime review of images there and then to
ensure you get the detail you need without having to return
at a later date. Just point the camera, let it focus, check
the image on the full colour display and hit shoot, let the
TOUGHPIX DIGITHERM do the work.
5 megapixel digital
camera with automatic
motorized focus
RUGGED AUTHORITY
www.cord-ex.com
CorDEX reserve the right to make
changes to the instrument at
anytime and without notice.
8GB removable CorDEX
memory card
Using CorDEX
Enhanced Measurement
Algorithms, measure
from 14ºF to 716ºF with
accuracy up to +/-2%
or +/-3.6ºF
Manufactured from
lightweight aircraft
grade aluminium
weighing in at only
13.4oz
Al
Adaptive thermal
blending
NRTL listed for
Class I, Division 2,
Groups A, B, C, D, T4
Class I Zone 1, AEx ib IIC
T4 Hazardous Locations
Ambient temperature:
--10ºC to 40ºC


Similar Part No. - TP3REX

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP3R0 FENGJUI-TP3R0 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP3R0B FENGJUI-TP3R0B Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP3R3 FENGJUI-TP3R3 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP3R3B FENGJUI-TP3R3B Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP3R9 FENGJUI-TP3R9 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TP3REX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD322PI SHARP-PD322PI Datasheet
86Kb / 3P
2-DIVISION CHIP TYPE PHOTODIODE
logo
Molex Electronics Ltd.
1302430004 MOLEX-1302430004 Datasheet
2Mb / 2P
Woodhead짰 Wide-Area Fluorescent Light For Class I, Division 2 and Zone 2 Applications
logo
Richco, Inc.
CP-RJ11 RICHCO-CP-RJ11 Datasheet
212Kb / 1P
Introducing the CP-RJ, RJ45/RJ11 Connector Plug
logo
Murata Manufacturing Co...
GA355DR7GC472KY02L MURATA-GA355DR7GC472KY02L Datasheet
44Kb / 1P
X1/Y2 Class Certified Products
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
Introducing the Newest Member of the Zenigata Family
logo
Advantech Co., Ltd.
UNO-1150GHE ADVANTECH-UNO-1150GHE_14 Datasheet
261Kb / 1P
Class I, Division 2 Certified AMD Geode??LX DIN-rail PC with 2 x LAN, 3 x COM, PCI-104
UNO-1172AH ADVANTECH-UNO-1172AH_15 Datasheet
196Kb / 1P
Class I, Division 2 Certified Intel Atom??D510 DIN-rail PC
logo
Omron Electronics LLC
G3RV-C1D2 OMRON-G3RV-C1D2 Datasheet
1Mb / 16P
Slimmest Industrial Plug-in SSR for Use in Class I Division 2 Hazardous Areas
logo
Advantech Co., Ltd.
ESRP-CMS-UNO1372GH ADVANTECH-ESRP-CMS-UNO1372GH Datasheet
1Mb / 2P
Class I, Division 2 Certified ACP Ready ThinClient
4-May-2021
UNO-1372GH ADVANTECH-UNO-1372GH Datasheet
1Mb / 2P
Class I, Division 2 Certified Intel® Atom™ Quad-Core Control DIN-rail PC
6-Jan-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com