Electronic Components Datasheet Search
  English  ▼

X  

RFKBES10EC Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # RFKBES10EC
Description  DVD Video Recorder Service Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RFKBES10EC Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button RFKBES10EC Datasheet HTML 11Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 12Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 13Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 14Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 15Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 16Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 17Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 18Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 19Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
9 Self-Diagnosis and Special Mode Setting
9.1.
Self-Diagnosis Functions
Self-Diagnosis Function provides information for errors to service personnel by “Self-Diagno sis Display” when any error has
occurred.
U**, H** and F** are stored in memory and held.
You can check latest error code by transmitting [0] [1] of Remote Controller in Service Mode.
Automatic Display on FL will be cancelled when the power is turned off or AC input is turned off during self-diagnosis display is ON.
Error Code
Diagnosis contents
Description
Monitor Display
Automatic FL display
U30
Remote control code error
Display appears when main unit and remote
controller codes are not matched.
No display
“*” is remote controller code of the
main unit.
Display for 5 seconds.
U59
Abnormal
inner temperature
detected
Display appears when the drive temperature
exceeds 70°C.
The power is turned off forcibly.
For 30 minutes after this, all key entries are
disabled. (Fan motor operates at the highest
speed for the first 5 minutes. For the
remaining 25 minutes, fan motor is also
stopped.) The event is saved in memory as
well.
No display
“U59 is displayed for 30 minutes.
U99
Hang-up
Displayed when communication error has
occurred between Main microprocessor and
Timer microprocessor.
No display
Displayed
is
left
until
the
[POWER] key is pressed.
F00
No error information
Initial setting for error code in memory
(Error code Initialization is possible with error
code initialization and main unit initialization.)
No display
No display
F58
Drive hardware error
When drive unit error is detected, the event is
saved in memory.
No display
No display
F34
Initialization error when main
microprocessor is started up
for program recording
When initialization error is detected after
starting up main microprocessor for program
recording,
the
power
is
turned
off
automatically.
The event is saved in memory.
No display
No display
UNSUPPO
RT
Unsupported disc error
*An unsupported format disc was played,
although the drive starts normally.
*The data format is not supported, although
the media type is supported.
*Exceptionally in case of the disc is dirty.
“This
disc
is
incompatible.”
Display for 5 seconds.
NO READ Disc read error
*A disc is flawed or dirty.
*A poor quality failed to start.
*The track information could not be read.
“Cannot
read.
Please check the
disc.”
HARD
ERR
Drive error
The drive detected a hard error.
“DVD drive error.”
Display for 5 seconds.
SELF
CHECK
Restoration operation
Since the power cord fell out during a power
failure or operation, it is under restoration
operation.
*It
will
OK,
if
a
display
disappears
automatically. If a display does not disappear,
there is the possibility that defective Digital
P.C.B. / RAM drive.
No display
Full
Program
16 programs are already set.
16 programs are already set.
No display
UNFORM
AT
Unformatted disc error
You have inserted an unformatted DVD-RAM
or DVD-RW that is unformatted or recorded
on other equipment.
15
DMR-ES10EB / DMR-ES10EC / DMR-ES10EG / DMR-ES10EP / DMR-ES10EBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com