Electronic Components Datasheet Search
  English  ▼

X  

RFKBES10EBL Datasheet(PDF) 43 Page - Panasonic Semiconductor

Part # RFKBES10EBL
Description  DVD Video Recorder Service Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RFKBES10EBL Datasheet(HTML) 43 Page - Panasonic Semiconductor

Back Button RFKBES10EBL Datasheet HTML 39Page - Panasonic Semiconductor RFKBES10EBL Datasheet HTML 40Page - Panasonic Semiconductor RFKBES10EBL Datasheet HTML 41Page - Panasonic Semiconductor RFKBES10EBL Datasheet HTML 42Page - Panasonic Semiconductor RFKBES10EBL Datasheet HTML 43Page - Panasonic Semiconductor RFKBES10EBL Datasheet HTML 44Page - Panasonic Semiconductor RFKBES10EBL Datasheet HTML 45Page - Panasonic Semiconductor RFKBES10EBL Datasheet HTML 46Page - Panasonic Semiconductor RFKBES10EBL Datasheet HTML 47Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
18 Schematic Diagram
18.1. Interconnection Schematic Diagram
A
B
1234
DMR-ES10EB/EC/EG/EBL/EP
Interconnection
Schematic Diagram
5
C
D
E
6
F
G
7
8
9
10
11
PS7801
TU7801
U/V TUNER
P7001
3
1
2
P1102
P7402
PP7401
P9001
P3202
1
2
P7506
3
GND
GND
Timer
P.C.B.Name
Ref.No.
Main
P.C.B.
AVENC/RTSC/AVDEC/MAIN CPU-1
Audio Net
Circuit Name
Digital
P.C.B.
AVENC/RTSC/AVDEC/MAIN CPU-2
Ref.No.
Ref.No.4400,9000 SERIES
Ref.No.6000,6100,6200 SERIES
Ref.No.3200,3300 SERIES
Circuit Name
A/V I/O
Main Net
P.C.B.Name
Ref.No.1500,7400 SERIES
Ref.No.3000,3900,4000,4900 SERIES
Ref.No.7500,7600 SERIES
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
/HRST
GND
DD7
DD8
DD6
DD5
DD10
DD4
GND
/DASP
/CS3FX
/CS1FX
DA2
DA0
PD1AG
DA1
IOCS16
INTRQ
GND
DMACK
CSEL
IORDY
GND
/DIOR
GND
/DIOW
GND
DMARQ
GND
DD15
DD0
DD14
DD1
DD13
DD2
DD12
DD3
DD11
DD9
2
1
3
4
12V
GND
M GND
5V
P102
FP601
12
2
1
3
4
DR12V
DR12V
DRGND
DR5V
P1502
FRONT(L) P.C.B.
A
N
P1101
POWER P.C.B.
P1501
MAIN P.C.B.
DIGITAL P.C.B.
DVD RAM DRIVE
H
TUNER P.C.B.
POWER SW ON
GND
GND
POWER SW ON
1
2
3
4
5
6
7
8
9
10
11
13
12
JC REG 5V
SW2
IIC CLK
IIC DATA
SIF OUT
UNREG 38V
TUNER VIDEO IN
GND
AFC
GND
16
GND
BOOSTER 5V
GND
18
14
17
15
BOOSTER 5V
GND
GND
JC REG5V
SW2
IIC CLK
IIC DATA
AFC
SIF OUT
UNREG 38V
TUNER VIDEO IN
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
1
3
2
GND
DGND
AUDIO OUT
RFAGC
3
4
5
7
10
11
12
13
14
15
16
17
18
6
2
SDA
VIDEO OUT
5V(VIF)
BTL+30VIN
SIF OUT
AFC S-CURVE
9
5V(TUNER)
VIDEO IN
SW(VIF)
SCL
MSCL
AUDIO IN
MSDA
5V(RFC)
1
BOOSTER+B
39
40
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
DA2
GND
CS0-
DMARQ
CS1-
GND
DASP NC1
DD15
DA0
PDIAG-
DD0
DD14
GND
DA1
DD1
DD13
DD2
INTRQ
DD12
DD3
GND
DD11
DD4
DD10
DMACK-
DD5
DD9
CSEL
DD6
IORDY
DD8
GND
DD7
DIOR-
GND
GND
RESET-
DIOW-
PK7701
1
2
3
4
5
6
SCL
SDA
DECODER AUDIO(R)
GND
DECODER AUDIO(L)
PK7702
PK7301
PK7302
NICAM DECODER P.C.B.
POWER
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
X SW 5.8V
X SW 5.8V
X SW 12.4V
GND
GND
GND
GND
GND
POWER ON
D1.5V
D1.5V
X SW 3.8V
DR P ON
DR12V
DR12V
DRGND
DRGND
DR5V
DR5V
X SW 12.4V
DR5V
DRGND
DR12V
DR P ON
X SW 3.8V
D1.5V
D1.5V
POWER ON
GND
GND
GND
GND
GND
X SW 12.4V
X SW 12.4V
X SW 5.8V
X SW 5.8V
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
1
3
2
DR5V
DRGND
DR12V
SIF
GND
JC REG.5V
7
6
5
4
3
2
1
TUN AUDIO IN
D1.5V
CPNCIN DM
D1.5V
DGND
D1.5V
V YIN DM
D1.5V
DGND
RGB CPSVIN
DGND
B IN
D3.3V
DGND
D3.3V
G IN
D3.3V
DGND
D3.3V
R IN
DGND
BPBOUT DM
DGND
GPYOUT DM
DGND
RPROUT DM
DGND
ANA5V
COUT DM
DGND
ANA5V
YOUT DM
DGND
DGND
DGND
ANA3.3V
MIXROUT DM
MIXLOUT DM
AUGND
IECOUT
AUGND
DGND
AUGND
AADC R
AADC L
AUGND
AUGND
AU5V
XDMUTE
XMPREQ
SBMTP
SBPTM
UARTP2M
XINTM
UARTM2P
SCLK
XINTP
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
1
3
2
DGND
X SW5.8V
X SW5.8V
X SW5.8V
BOOT REQ
ANA3.3V
ITAM2M
ITAM2A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
XINTP
SCLK
UARTM2P
XINTM
UARTP2M
SBPTM
SBMTP
XMPREQ
XDMUTE
AU5V
AUGND
AUGND
AADC L
AADC R
AUGND
DGND
AUGND
IECOUT
AUGND
MIXLOUT DM
MIXROUT DM
ANA 3.3V
DGND
DGND
DGND
DGND
YOUT DM
ANA 5V
DGND
COUT DM
ANA 5V
DGND
RPROUT DM
DGND
GPYOUT DM
DGND
BPBOUT DM
DGND
R IN
D 3.3V
DGND
D 3.3V
G IN
D 3.3V
DGND
D 3.3V
B IN
DGND
RGB CPSVIN
DGND
D 1.5V
V YIN DM
D 1.5V
DGND
D 1.5V
CPNCIN DM
D 1.5V
RFC AUDIO
RFC A MUTE
RFC A MUTE
RFC AUDIO
PS 5V
CPS V OUT
AUDIO OUT
PS 5V
AUDIO OUT
CPS V OUT
CSYNC IN
(EB)
(EBL/EP)
(EC/EG)
CSYNC IN
L
L
H
H
H
H
H
H
DMR-ES10EB / DMR-ES10EC / DMR-ES10EG / DMR-ES10EP / DMR-ES10EBL
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com