Electronic Components Datasheet Search
  English  ▼

X  

MSB410 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MSB410
Description  MSB Plastic-Encapsulate Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MSB410 Datasheet(HTML) 2 Page - Nanjing International Group Co

  MSB410 Datasheet HTML 1Page - Nanjing International Group Co MSB410 Datasheet HTML 2Page - Nanjing International Group Co MSB410 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
Ta(℃ )
VF(V)
FIG.2:MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG.3: TYPICAL FORWARD CHARACTERISTICS
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Number of Cycles
0.01
0.1
1.0
10
100
Voltage(%)
1000
-
+
JBSL
50
100
0
150
5.0
4.0
3.0
2.0
0
1.0
RESISTIVE OR INDUCTIVE LOADS
0
10
100
100
120
0
20
40
60
80
2
50
20
5
PULSE WIDTH 8.3ms SINGLE
HALF-SINE-WAVE
0.1
0.01
1.0
0
0.2
0.8
0.4
1.0
1.6
0.6
1.2
1.4
10
1.8
TJ = 25°C
PULSE WIDTH 300us
0
20
40
60
80
100
120
140
TJ=150°C
TJ=125°C
TJ=100°C
TJ=25°C
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com