Electronic Components Datasheet Search
  English  ▼

X  

LBN07090 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN07090
Description  70MHz SAW Filter 9.15MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN07090 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN07090 Datasheet HTML 1Page - SIPAT Co,Ltd LBN07090 Datasheet HTML 2Page - SIPAT Co,Ltd LBN07090 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN07090
Rev. Date
2005-2-4
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
9.15MHz Bandwidth
Part Number: LBN07090
Typical Performance
Frequency Respond
Passband Respond
58
61
64
67
70
73
76
79
82
-103.1782
-93.1782
-83.1782
-73.1782
-63.1782
-53.1782
-43.1782
-33.1782
62
64
66
68
70
72
74
76
78
-28
-27
-26
-25
-24
-23
-22
-21
-20
Type performance
Frequency(MHz)
Phase Linearity (f0±4.6MHz)
Group delay variation(f0±4.6MHz)
Simth Chart S11
Simth Chart S22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com