Electronic Components Datasheet Search
  English  ▼

X  

VSC7135 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC7135
Description  1.25Gbits/sec Gigabit Ethernet Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7135 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC7135 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7135 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7135 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7135 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7135 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7135 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7135 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7135 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7135 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
5/28/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7135
1.25Gbits/sec
Gigabit Ethernet Transceiver
G52146-0, Rev. 4.0
Package Information
64
49
1
48
33
32
17
16
10o TYP
100 TYP
A
e
A2
0.102 MAX. LEAD
COPLANARITY
0.17 MAX.
A
0.25
L
0.25 MAX.
b
0.30 RAD. TYP.
. TYP.
STANDOFF
NOTES:
All units in mm unless otherwise noted.
0.20 RAD
θ
E1
E
D1
D
10 x 10 mm Package # 101-266-1
14 x 14 mm Package # 101-262-1
All drawings not to scale
Item
10 mm
14 mm
Tolerance
A
2.45
2.35
MAX
A2
2.00
2.00
+.10/-.05
D
13.20
17.20
±.25
D1
10.00
14.00
±.10
E
13.20
17.20
±.25
E1
10.00
14.00
±.10
b
0.22
0.35
±.05
e
0.50
0.80
BASIC
L
0.88
0.88
±.15/-.10
θ
0
° - 7°
64 PQFP Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com