Electronic Components Datasheet Search
  English  ▼

X  

BCC0LM7 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCC0LM7
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LM7 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCC0LM7 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LM7 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC M418-M418-6X-378-PS58N9-400
Order Code: BCC0LM7
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 277346
ETIM 6.0: EC001855
BCC0LM7_0.5_2022-08-01
2 / 2
Remarks
Flame resistance acc. to IEC 60332-1
Halogen-free per IEC 60754
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
360° shield on cover nut
Connector Drawings
I
PIN 1: white
PIN 2: orange
PIN 3: white
PIN 4: green
PIN 5: white
PIN 6: brown
PIN 7: white
PIN 8: blue
II
PIN 1: white
PIN 2: orange
PIN 3: white
PIN 4: green
PIN 5: white
PIN 6: brown
PIN 7: white
PIN 8: blue
Wiring Diagrams
1) Shield on cover nut



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com