Electronic Components Datasheet Search
  English  ▼

X  

2471 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 2471
Description  Economical design, available with PC terminals or wire leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

2471 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  2471 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS
Holder: Polypropylene
Springs: Spring Steel, Nickel Plate
PC Pins: .031 (.79) Brass, Nickel Plate
Wires (Red & Black): #26 AWG, Tinned, .187 (4.8) end strip UL/CSA1007
26
CAT. NO. 2460
PC Mount
CAT. NO. 2460RB PC Mount w/ribbon
CAT. NO. 2461
Wire Leads - 6.0 (150)
CAT. NO. 2462
PC Mount
CAT. NO. 2462RB PC Mount w/ribbon
CAT. NO. 2463
Wire Leads - 6.0 (150)
CAT. NO. 2464
PC Mount
CAT. NO. 2464RB PC Mount w/ribbon
CAT. NO. 2465
Wire Leads - 6.0 (150)
CAT. NO. 2477
PC Mount
CAT. NO. 2477RB PC Mount w/ribbon
CAT. NO. 2478
Wire Leads - 6.0 (150)
CAT. NO. 2466
PC Mount
CAT. NO. 2466RB PC Mount w/ribbon
CAT. NO. 2467
Wire Leads - 6.0 (150)
CAT. NO. 2468
PC Mount
CAT. NO. 2468RB PC Mount w/ribbon
CAT. NO. 2469
Wire Leads - 6.0 (150)
CAT. NO. 2479
PC Mount
CAT. NO. 2479RB PC Mount w/ribbon
CAT. NO. 2480
Wire Leads - 6.0 (150)
CAT. NO. 2481
PC Mount
CAT. NO. 2481RB PC Mount w/ribbon
CAT. NO. 2482
Wire Leads - 6.0 (150)
CAT. NO. 2485
PC Mount
CAT. NO. 2485RB PC Mount w/ribbon
CAT. NO. 2486
Wire Leads - 6.0 (150)
• Economical design, available with PC terminals or wire leads
• Batteries securely held in place to assure a positive connection and
maintain a low contact resistance
• Contact springs self-adjust to variations in battery length
• Withstands shock and vibration
• Available with solder lugs or male/female snap fasteners
• For easy removal, available with ribbon
• Holders for multiple batteries are prewired in series.
“1/2 AA” Cell -or “CR2” Cell
One (1) Cell
Two (2) Cells - In Series
Three (3) Cells - In Series
Four (4) Cells - In Series
Four (4) Cells - In Series
Three (3) “AAA” Cells - In Series
Two (2) Cells - In Series
One (1) Cell
“N” Cell - 1.5V or “12V” Cell
Two (2) “N” or Two (2) “12V” Cells - In Series
.098 [2.5] DIA.
(2) PLS
.665
[16.9]
.547
[13.9]
.500
[12.7]
2.047 [52.0]
2.244 [57.0]
-
+
.500
[12.7]
1.760 [44.7]
1.968 [50.0]
.590
[15.0]
.512
[13.0]
-
+
.472 [12.0]
.602
[15.3]
1.358 [34.5]
1.162 [29.5]
.689
[17.5]
-
+
.500
[12.7]
1.400 [35.0]
1.200 [30.0]
.590
[15.0]
.512
[13.0]
-
+
.531
[13.5]
.550 [14.0]
.590
[15.0]
THIS SIDE ONLY
TERMINALS
(4) PLS
1.500 [38.1]
.093 [2.36] DIA.
1.062
[27.0]
-
+
.968
[24.6]
.500
[12.7]
(3) PLS
.115 [2.9] DIA.
.512 [13.0]
2.086 [53.0]
THIS SIDE ONLY
TERMINALS
.500
[12.7]
-
+
.500
[12.7]
2.050 [52.7]
(2) PLS
.125 [3.2] DIA.
.512 [13.0]
TERMINALS
THIS SIDE ONLY
.500
[12.7]
1.476
[37.5]
-
+
1.980
[50.3]
2.100 [53.0]
.500
[12.7]
(2) PLS
.093 [2.36] DIA.
.512 [13.0]
TERMINALS
THIS SIDE ONLY
.500
[12.7]
-
+
.590
[15.0]
1.296
[32.9]
.650 [16.0]
.500
[12.7]
.120 [3.1] DIA.
(2) PLS
2.343 [59.5]
TERMINALS
THIS SIDE ONLY
-
+
(2) PLS
.130 [3.3] DIA.
1.901
[48.3]
.500 [12.7]
.669 [17.0]
2.283 [58.0]
TERMINALS
THIS SIDE ONLY
.500
[12.7]
-
+
.115 [2.9] DIA.
(2) PLS
2.480
[63.0]
2.283 [58.0]
.630 [16.0]
THIS SIDE ONLY
TERMINALS
.500
[12.7]
.500
[12.7]
-
+
ECONOMICAL PLASTIC BATTERY HOLDERS
CAT. NO. 2470
PC Mount
CAT. NO. 2470RB PC Mount w/ribbon
CAT. NO. 2471
Wire Leads - 6.0 (150)
CAT. NO. 2472
PC Mount
CAT. NO. 2472RB PC Mount w/ribbon
CAT. NO. 2473
Wire Leads - 6.0 (150)
MODIFICATIONS
We welcome the opportunity to quote on variations of standard items. Use our
Engineering services for your custom-built holders. Holders for “C” and “D” cell
are available on request.
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
“AA”
“AAA”
“1/2AA” • “CR2” • “N” • “12V”
M60Section1FRevA4-COLOR 4/4/13 4:30PM Page28


Similar Part No. - 2471

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2471 KR-2471 Datasheet
24Kb / 2P
Bandpass Filter
logo
Alpha Wire
2471 ALPHAWIRE-2471 Datasheet
92Kb / 4P
Customer Specification
1/4/2023
logo
Belden Inc.
2471 BELDEN-2471 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
logo
Heyco.
2471 HEYCO-2471 Datasheet
106Kb / 1P
Snap Bushings
logo
Adafruit Industries
2471 ADAFRUIT-2471 Datasheet
202Kb / 3P
Adafruit HUZZAH ESP8266 Breakout
7/16/2015
More results

Similar Description - 2471

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC-NV OMRON-H7EC-NV Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Y92S-36 OMRON-Y92S-36 Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
logo
List of Unclassifed Man...
F1100AA01 ETC2-F1100AA01 Datasheet
146Kb / 3P
Most Economical Design
logo
Omron Electronics LLC
H7EC-NV-H OMRON-H7EC-NV-H Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N-B OMRON-H7EC-N-B Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
logo
Aries Electronics, Inc.
0503 ARIES-0503 Datasheet
554Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
503 ARIES-503 Datasheet
658Kb / 1P
Available with Solder Tail or Wire Wrap Pins
0513 ARIES-0513 Datasheet
543Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
plug-in or pc board terminals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com