Electronic Components Datasheet Search
  English  ▼

X  

AR864CHFSSL Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # AR864CHFSSL
Description  PC Enclosure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

AR864CHFSSL Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  AR864CHFSSL Datasheet HTML 1Page - FIBOX Enclosing innovations AR864CHFSSL Datasheet HTML 2Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AR864CHFSSL
Sample image
Order symbol : AR864CHFSSL
Product nr : 8561628
Description : PC Enclosure
Remarks : Hinged opaque flat cover w/S.S. Lockable latch.
EAN : 6418074098016
El. number :
• Finland :
• Denmark :
• Sweden :
Including : Hinged cover. Base with 10-32 brass inserts, latched flat cover with
formed in place PUR gasket, and stainless hinge pin. Quick release latches. (Latch
options available.). Enclosure mounting foot kit. Accessory 10-32 screws for panel
mounting.
Dimensions :
Height
Width
Depth
mm :
203
152
102
inch :
8
6
4
Accessories :
AMFL6
6" Mounting Flange Set
ASP86
Aluminum Swing Panel


Similar Part No. - AR864CHFSSL

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
AR864CHFSSLF FIBOX-AR864CHFSSLF Datasheet
69Kb / 2P
PC Enclosure
20.01.2023
AR864CHFSSLM FIBOX-AR864CHFSSLM Datasheet
69Kb / 2P
PC Enclosure
20.01.2023
More results

Similar Description - AR864CHFSSL

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
6011902 FIBOX-6011902 Datasheet
68Kb / 3P
Enclosure. PC
05.08.2022
6011931 FIBOX-6011931 Datasheet
85Kb / 3P
Enclosure. PC
05.08.2022
6012331 FIBOX-6012331 Datasheet
445Kb / 3P
Enclosure. PC
05.08.2022
6012915 FIBOX-6012915 Datasheet
69Kb / 3P
Enclosure. PC
05.08.2022
6016324 FIBOX-6016324 Datasheet
72Kb / 3P
Enclosure. PC
08.08.2022
6016334 FIBOX-6016334 Datasheet
89Kb / 3P
Enclosure. PC
08.08.2022
8724003 FIBOX-8724003 Datasheet
66Kb / 2P
Enclosure, PC
13.01.2023
8724305 FIBOX-8724305 Datasheet
444Kb / 2P
Enclosure, PC
13.01.2023
2539523 FIBOX-2539523 Datasheet
66Kb / 2P
Enclosure, PC
11.01.2023
2539555 FIBOX-2539555 Datasheet
452Kb / 2P
Enclosure, PC
11.01.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com