Electronic Components Datasheet Search
  English  ▼

X  

LBT14082 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT14082
Description  140MHz SAW Filter 10MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT14082 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT14082 Datasheet HTML 1Page - SIPAT Co,Ltd LBT14082 Datasheet HTML 2Page - SIPAT Co,Ltd LBT14082 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT14082
Rev. Date
2006-4-1
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
10MHz Bandwidth
Part Number:LBT14082
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.85
140
140.15
Insertion Loss
dB
-
27.8
29
1.2 dB Bandwidth
MHz
10
10.1
-
3 dB Bandwidth
MHz
-
10.63
-
40 dB Bandwidth
MHz
-
11.9
12
50 dB Bandwidth
MHz
-
12.05
-
Passband Variation
dB
-
0.8
1.2
Absolute Delay
usec
-
2.96
3
Ultimate Rejection
dB
50
53
-
Material Temperature coefficient
KHz/°C
-2.52
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=47nH L2=33nH
C1=47pF C2=36pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBT14082

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14082 SIPAT-LBT14082 Datasheet
144Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
More results

Similar Description - LBT14082

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS10 SIPAT-LB140DS10 Datasheet
288Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
LBT14087 SIPAT-LBT14087 Datasheet
280Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
LBN140A08 SIPAT-LBN140A08 Datasheet
125Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
LBN11301 SIPAT-LBN11301 Datasheet
139Kb / 3P
113.6MHz SAW Filter 10MHz Bandwidth
LBN14071 SIPAT-LBN14071 Datasheet
284Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
LBN140A49 SIPAT-LBN140A49 Datasheet
195Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
LBN140A53 SIPAT-LBN140A53 Datasheet
187Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
LBN14071 SIPAT-LBN14071 Datasheet
290Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
LBT14082 SIPAT-LBT14082 Datasheet
144Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
LBT14087 SIPAT-LBT14087 Datasheet
145Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com