Electronic Components Datasheet Search
  English  ▼

X  

AD1988BJSTZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD1988BJSTZ
Description  High Definition Audio SoundMAX짰 Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1988BJSTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1988BJSTZ Datasheet HTML 12Page - Analog Devices AD1988BJSTZ Datasheet HTML 13Page - Analog Devices AD1988BJSTZ Datasheet HTML 14Page - Analog Devices AD1988BJSTZ Datasheet HTML 15Page - Analog Devices AD1988BJSTZ Datasheet HTML 16Page - Analog Devices AD1988BJSTZ Datasheet HTML 17Page - Analog Devices AD1988BJSTZ Datasheet HTML 18Page - Analog Devices AD1988BJSTZ Datasheet HTML 19Page - Analog Devices AD1988BJSTZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD1988A/AD1988B
Rev. 0 | Page 20 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BBC
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
7.00
BSC SQ
1.60
MAX
0.75
0.60
0.45
VIEW A
9.00
BSC SQ
PIN 1
0.20
0.09
1.45
1.40
1.35
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
0.15
0.05
Figure 5. 48-Lead Low Profile Quad Flat Package [LQFP]
(ST-48)
Dimension shown in millimeters
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
1
48
12
13
37
36
24
25
5.25
5.10 SQ
4.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12° MAX
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
5.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
SEATING
PLANE
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
Figure 6. 48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
7 mm × 7 mm Body, Very Thin Quad
(CP-48-1)
Dimension shown in millimeters
ORDERING GUIDE
Model
Audio Output Performance
Temperature Range
Package Description
Package Option
AD1988AJSTZ1
95 dB
0°C to 70°C
48-Lead LQFP, Tray
ST-48
AD1988AJSTZ-RL1
95 dB
0°C to 70°C
48-Lead LQFP, Reel
ST-48
AD1988AJCPZ1
95 dB
0°C to 70°C
48-Lead LFCSP_VQ, Tray
CP-48-1
AD1988AJCPZ-RL1
95 dB
0°C to 70°C
48-Lead LFCSP_VQ, Reel
CP-48-1
AD1988BJSTZ1
101 dB
0°C to 70°C
48-Lead LQFP, Tray
ST-48
AD1988BJSTZ-RL1
101 dB
0°C to 70°C
48-Lead LQFP, Reel
ST-48
AD1988BJCPZ1
101 dB
0°C to 70°C
48-Lead LFCSP_VQ, Tray
CP-48-1
AD1988BJCPZ-RL1
101 dB
0°C to 70°C
48-Lead LFCSP_VQ, Reel
CP-48-1
1 Z = Pb-free part.
Dolby and Dolby Master Studio are trademarks of Dolby Laboratories. DTS is a trademark of DTS, Inc. Windows Vista is either a registered trademark or trademark of
Microsoft Corporation in the United States and/or other countries.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05843-0-10/06(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com