Electronic Components Datasheet Search
  English  ▼

X  

MAX7481 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7481
Description  Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7481 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7481 Datasheet HTML 1Page - Maxim Integrated Products MAX7481 Datasheet HTML 2Page - Maxim Integrated Products MAX7481 Datasheet HTML 3Page - Maxim Integrated Products MAX7481 Datasheet HTML 4Page - Maxim Integrated Products MAX7481 Datasheet HTML 5Page - Maxim Integrated Products MAX7481 Datasheet HTML 6Page - Maxim Integrated Products MAX7481 Datasheet HTML 7Page - Maxim Integrated Products MAX7481 Datasheet HTML 8Page - Maxim Integrated Products MAX7481 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Bidirectional Video Filters/Buffers for Composite
and S-Video Portable Media Devices
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = CPVCC = +3.0V, TA = +25°C, C1 = C2 = 1µF, C3 = C4 = C5 = 0.1µF, load at OUT1–OUT5 = 150
Ω to GND, RBIAS = 100kΩ to
GND, unless otherwise noted. See the
Functional Diagram/Typical Application Circuit.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ............................................................. -0.3V to +4V
IN1–IN5 to GND..........................................-0.3V to (VCC + 0.3V)
OUT1–OUT5 to GND ....................................-1.8V to (VCC + 0.3V)
OUT1–OUT5 to GND (Shutdown) .................-0.3V to (VCC + 0.3V)
BIAS, SHDN, P/R, YCON, CVBSON
to GND....................................................-0.3V to (VCC + 0.3V)
CPVCC to CPGND ....................................................-0.3V to +4V
C1P to GND............................................... -0.3V to (VCC + 0.3V)
C1N to GND ............................................... (VSS - 0.3V) to +0.3V
CPGND to GND.....................................................-0.1V to +0.1V
CPVSS to VSS.........................................................-0.1V to +0.1V
VSS to GND........................................................... -3.6V to +0.3V
Continuous Current
IN1–IN5, BIAS, CVBSON, YCON, C1P, C1N................±50mA
Output Short-Circuit Current.............................................±90mA
Continuous Power Dissipation (TA = +70°C)
28-Pin TQFN (derate 21.3mW/°C above +70°C) .......1702mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Flatness
f = 100kHz to 4.2MHz
-1
+1
dB
Stopband Attenuation
f = 27MHz
35
dB
Differential Gain Error
dG
5-step modulated staircase
0.2
%
Differential Phase Error
dP
5-step modulated staircase
0.3
Degrees
Signal-to-Noise Ratio
SNR
Peak signal (2VP-P) to RMS noise,
f = 100kHz to 4.2MHz
72
dB
IN1, VIN = -0.10V to 0.92V
1.15
IN2, VIN = -0.09V to 0.92V
0.83
IN3
1.15
IN4
0.90
Input Dynamic Swing
VRANGE
AC-coupled
IN5
1.15
VP-P
Input Leakage Current
IIN
10
µA
MAX7481: All outputs
MAX7482: OUT4, OUT5
5.5
6
6.5
Low Frequency Gain
f = 100kHz
MAX7482: OUT1, OUT2,
OUT3
6.5
7
7.5
dB
OUT1, OUT2, OUT4
±150
Output Black Level Variation
OUT3, OUT5
±200
mV
Clamp Settling Time
TCLAMP
To 5% with a 100 IRE step
300
Lines
Group-Delay Deviation
TG
Deviation from 100kHz to 4.2MHz
4
ns
Line-Time Distortion
HDIST
Deviation in a line with an 18µs, 100 IRE
bar; 1 line = 63.5µs
0.3
%
Field-Time Distortion
VDIST
Deviation in 130 lines with an 18µs, 100 IRE
bar
0.5
%
Channel-to-Channel Crosstalk
XTALK
f = 100kHz to 4.2MHz
-60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com