Electronic Components Datasheet Search
  English  ▼

X  

LSV8A Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # LSV8A
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSV8A Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button LSV8A Datasheet HTML 6Page - Honeywell Solid State Electronics Center LSV8A Datasheet HTML 7Page - Honeywell Solid State Electronics Center LSV8A Datasheet HTML 8Page - Honeywell Solid State Electronics Center LSV8A Datasheet HTML 9Page - Honeywell Solid State Electronics Center LSV8A Datasheet HTML 10Page - Honeywell Solid State Electronics Center LSV8A Datasheet HTML 11Page - Honeywell Solid State Electronics Center LSV8A Datasheet HTML 12Page - Honeywell Solid State Electronics Center LSV8A Datasheet HTML 13Page - Honeywell Solid State Electronics Center LSV8A Datasheet HTML 14Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
ELECTROMECHANICAL SWITCHES
Definitions below explain the meaning of
operating characteristics. Characteristics
shown in tables were chosen as most
significant. They are taken at normal
room temperature and humidity. These
may vary as temperature and humidity
conditions differ. Sketches show how
characteristics are measured for in-line
plunger actuation and rotary actuation.
Linear dimensions for in-line actuation
are from top of plunger to a reference
line, usually the center of the mounting
holes. Rotary actuated HDLS limit
switches have the characteristics in
degrees of angular rotation.
Differential Travel (D.T.) – Plunger
or actuator travel from point where
contacts ‘‘snap-over’’ to point where they
‘‘snapback.’’
Free Position (F.P.) – Position of switch
plunger or actuator when no external
force is applied (other than gravity).
Full Overtravel Force – Force required
to attain full overtravel of actuator.
Operating Position (O.P.) – Position of
switch plunger or actuator at which point
contacts snap from normal to operated
position. Note that in the case of flexible
or adjustable actuators, the operating
position is measured from the end of the
lever or its maximum length. Location of
operating position measurement shown
on mounting dimension drawings.
Operating Force (O.F.) – Amount
of force applied to switch plunger or
actuator to cause contact ‘‘snap-over.’’
Note in the case of adjustable actuators,
the force is measured from the maximum
length position of the lever.
Overtravel (O.T.) – Plunger or actuator
travel safely available beyond operating
position.
Pretravel (P.T.) – Distance or angle
traveled in moving plunger or actuator
from free position to operating position.
Release Force (R.F.) – Amount of force
still applied to switch plunger or actuator
at moment contacts snap from operated
position to unoperated position.
Total Travel (T.T.) – Distance from
actuator free position to overtravel limit
position.
NC
NO
NO
NC
Bar Chart Description (Inline and Rotary)
> Actuation
< Release
R.T.
O.T.
O.P.
T.T.
D.T.
F.P.
NC = Normally closed contact(s)
NO = Normally open contact (s)
contact closed
contact open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com