Electronic Components Datasheet Search
  English  ▼

X  

ADV7390EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7390EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7390EBZ Datasheet(HTML) 5 Page - Analog Devices

  ADV7390EBZ Datasheet HTML 1Page - Analog Devices ADV7390EBZ Datasheet HTML 2Page - Analog Devices ADV7390EBZ Datasheet HTML 3Page - Analog Devices ADV7390EBZ Datasheet HTML 4Page - Analog Devices ADV7390EBZ Datasheet HTML 5Page - Analog Devices ADV7390EBZ Datasheet HTML 6Page - Analog Devices ADV7390EBZ Datasheet HTML 7Page - Analog Devices ADV7390EBZ Datasheet HTML 8Page - Analog Devices ADV7390EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 5 of 96
SPECIFICATIONS
POWER SUPPLY SPECIFICATIONS
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGES
VDD
1.71
1.8
1.89
V
VDD_IO
2.97
3.3
3.63
V
PVDD
1.71
1.8
1.89
V
VAA
2.6
3.3
3.465
V
POWER SUPPLY REJECTION RATIO
0.002
%/%
INPUT CLOCK SPECIFICATIONS
VDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, VAA = 2.6 V to 3.465 V, VDD_IO = 2.97 V to 3.63 V.
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 3.
Parameter
Conditions1
Min
Typ
Max
Unit
fCLKIN
SD/ED
27
MHz
ED (at 54 MHz)
54
MHz
HD
74.25
MHz
CLKIN High Time, t9
40
% of one clock cycle
CLKIN Low Time, t10
40
% of one clock cycle
CLKIN Peak-to-Peak Jitter Tolerance
2
±ns
1 SD = standard definition, ED = enhanced definition (525p/625p), HD = high definition.
ANALOG OUTPUT SPECIFICATIONS
VDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, VAA = 2.6 V to 3.465 V, VDD_IO = 2.97 V to 3.63 V.
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
Full-Drive Output Current
RSET = 510 Ω, RL = 37.5 Ω
33
34.6
37
mA
Low Drive Output Current
RSET = 4.12 kΩ, RL = 300 Ω
4.3
mA
DAC-to-DAC Matching
DAC 1, DAC 2, DAC 3
2.0
%
Output Compliance, VOC
0
1.4
V
Output Capacitance, COUT
10
pF
Analog Output Delay1
6
ns
DAC Analog Output Skew
DAC 1, DAC 2, DAC 3
1
ns
1 Output delay measured from the 50% point of the rising edge of the input clock to the 50% point of the DAC output full-scale transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com