Electronic Components Datasheet Search
  English  ▼

X  

ADV7391EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7391EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7391EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7391EBZ Datasheet HTML 7Page - Analog Devices ADV7391EBZ Datasheet HTML 8Page - Analog Devices ADV7391EBZ Datasheet HTML 9Page - Analog Devices ADV7391EBZ Datasheet HTML 10Page - Analog Devices ADV7391EBZ Datasheet HTML 11Page - Analog Devices ADV7391EBZ Datasheet HTML 12Page - Analog Devices ADV7391EBZ Datasheet HTML 13Page - Analog Devices ADV7391EBZ Datasheet HTML 14Page - Analog Devices ADV7391EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 11 of 96
CONTROL
OUTPUTS
PIXEL PORT
*LUMA/CHROMA CLOCK RELATIONSHIP CAN BE INVERTED USING SUBADDRESS 0x01, BITS 1 AND 2.
Y1
Cr0
Y0
Cb0
XY
00
00
3FF
CLKIN*
t9
t10
t12
t11
t12
t11
t14
t13
Figure 7. ED/HD-DDR Input, 8-/10-Bit 4:2:2 YCrCb (EAV/SAV), Input Mode 010
CLKIN
CONTROL
OUTPUTS
Y1
Cr0
Y0
Cb0
Cr2
Y2
Cb2
t9
t10
t12
t11
t13
t14
PIXEL PORT
HSYNC
VSYNC
CONTROL
INPUTS
Figure 8. ED (at 54 MHz) Input, 8-/10-Bit 4:2:2 YCrCb (HSYNC/VSYNC), Input Mode 111
CLKIN
CONTROL
OUTPUTS
3FF
00
00
XY
Cb0
Y0
Cr0
Y1
PIXEL PORT
t11
t12
t10
t9
t14
t13
Figure 9. ED (at 54 MHz) Input, 8-/10-Bit 4:2:2 YCrCb (EAV/SAV), Input Mode 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com