Electronic Components Datasheet Search
  English  ▼

X  

S71WS-J Datasheet(PDF) 39 Page - SPANSION

Part # S71WS-J
Description  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS-J Datasheet(HTML) 39 Page - SPANSION

Back Button S71WS-J Datasheet HTML 35Page - SPANSION S71WS-J Datasheet HTML 36Page - SPANSION S71WS-J Datasheet HTML 37Page - SPANSION S71WS-J Datasheet HTML 38Page - SPANSION S71WS-J Datasheet HTML 39Page - SPANSION S71WS-J Datasheet HTML 40Page - SPANSION S71WS-J Datasheet HTML 41Page - SPANSION S71WS-J Datasheet HTML 42Page - SPANSION S71WS-J Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
37
Pr elim inary
,I WKH XVHU DWWHPSWV WR SURJUDP RU HUDVH D SURWHFWHG VHFWRU WKH GHYLFH LJQRUHV
WKH FRPPDQG DQG UHWXUQV WR UHDG PRGH $ SURJUDP FRPPDQG WR D SURWHFWHG
VHFWRU HQDEOHV VWDWXV SROOLQJ IRU DSSUR[LPDWHO\ —V EHIRUH WKH GHYLFH UHWXUQV WR
UHDG PRGH ZLWKRXW KDYLQJ PRGLILHG WKH FRQWHQWV RI WKH SURWHFWHG VHFWRU $Q
HUDVH FRPPDQG WR D SURWHFWHG VHFWRU HQDEOHV VWDWXV SROOLQJ IRU DSSUR[LPDWHO\
 —V DIWHU ZKLFK WKH GHYLFH UHWXUQV WR UHDG PRGH ZLWKRXW KDYLQJ HUDVHG WKH
SURWHFWHG VHFWRU
7KH SURJUDPPLQJ RI WKH '3% 33% DQG 33% ORFN IRU D JLYHQ VHFWRU FDQ EH YHUL
ILHGE\ZULWLQJD '3%33%33% ORFNYHULI\ FRPPDQGWRWKHGHYLFH
Persistent Sector Protection Mode Locking Bit
/LNH WKH SDVVZRUG PRGH ORFNLQJ ELW D 3HUVLVWHQW 6HFWRU 3URWHFWLRQ PRGH ORFNLQJ
ELW H[LVWV WR JXDUDQWHH WKDW WKH GHYLFH UHPDLQ LQ VRIWZDUH VHFWRU SURWHFWLRQ
2QFH VHW WKH 3HUVLVWHQW 6HFWRU 3URWHFWLRQ ORFNLQJ ELW SUHYHQWV SURJUDPPLQJ RI
WKH SDVVZRUG SURWHFWLRQ PRGH ORFNLQJ ELW 7KLV JXDUDQWHHV WKDW D KDFNHU FRXOG
QRWSODFHWKHGHYLFH LQSDVVZRUGSURWHFWLRQPRGH
Password Protection Mode
7KH 3DVVZRUG 6HFWRU 3URWHFWLRQ 0RGH PHWKRG DOORZV DQ HYHQ KLJKHU OHYHO RI VH
FXULW\ WKDQ WKH 3HUVLVWHQW 6HFWRU 3URWHFWLRQ 0RGH 7KHUH DUH WZR PDLQ
GLIIHUHQFHV EHWZHHQ WKH 3HUVLVWHQW 6HFWRU 3URWHFWLRQ DQG WKH 3DVVZRUG 6HFWRU
3URWHFWLRQ 0RGH
„ :KHQ WKH GHYLFH LV ILUVW SRZHUHG RQ RU FRPHV RXW RI D UHVHW F\FOH WKH 33%
/RFN ELW LV VHW WR WKH ORFNHG VWDWH UDWKHU WKDQ FOHDUHG WR WKH XQORFNHG VWDWH
„ 7KH RQO\ PHDQV WR FOHDU WKH 33% /RFN ELW LV E\ ZULWLQJ D XQLTXH ELW 3DVV
ZRUG WR WKHGHYLFH
7KH 3DVVZRUG 6HFWRU 3URWHFWLRQ PHWKRG LV RWKHUZLVH LGHQWLFDO WR WKH 3HUVLVWHQW
6HFWRU 3URWHFWLRQPHWKRG
$ELWSDVVZRUGLV WKH RQO\DGGLWLRQDOWRROXWLOL]HG LQWKLV PHWKRG
7KH SDVVZRUG LV VWRUHG LQ D WKH 6HFXUHG 6LOLFRQ UHJLRQ RI WKH IODVK PHPRU\
2QFH WKH 3DVVZRUG 0RGH /RFNLQJ %LW LV VHW WKH SDVVZRUG LV SHUPDQHQWO\ VHW
ZLWK QR PHDQV WR UHDG SURJUDP RU HUDVH LW 7KH SDVVZRUG LV XVHG WR FOHDU WKH
33% /RFN ELW 7KH 3DVVZRUG 8QORFN FRPPDQG PXVW EH ZULWWHQ WR WKH IODVK DORQJ
ZLWK D SDVVZRUG 7KH IODVK GHYLFH LQWHUQDOO\ FRPSDUHV WKH JLYHQ SDVVZRUG ZLWK
WKH SUHSURJUDPPHG SDVVZRUG ,I WKH\ PDWFK WKH 33% /RFN ELW LV FOHDUHG DQG
WKH 33%V FDQ EH DOWHUHG ,I WKH\ GR QRW PDWFK WKH IODVK GHYLFH GRHV QRWKLQJ
7KHUH LV D EXLOWLQ  —V GHOD\ IRU HDFK ³SDVVZRUG FKHFN´ 7KLV GHOD\ LV LQWHQGHG WR
WKZDUW DQ\ HIIRUWV WR UXQ D SURJUDP WKDW WULHV DOO SRVVLEOH FRPELQDWLRQV LQ RUGHU
WR FUDFNWKHSDVVZRUG
Password and Password Mode Locking Bit
,Q RUGHU WR VHOHFW WKH 3DVVZRUG VHFWRU SURWHFWLRQ VFKHPH WKH FXVWRPHU PXVW ILUVW
SURJUDP WKH SDVVZRUG )$6/UHFRPPHQGV WKDW WKH SDVVZRUG EH VRPHKRZ FRUUH
ODWHG WR WKH XQLTXH (OHFWURQLF 6HULDO 1XPEHU (61 RI WKH SDUWLFXODU IODVK GHYLFH
(DFK (61 LV GLIIHUHQW IRU HYHU\ IODVK GHYLFH WKHUHIRUH HDFK SDVVZRUG VKRXOG EH
GLIIHUHQW IRU HYHU\ IODVK GHYLFH :KLOH SURJUDPPLQJ LQ WKH SDVVZRUG UHJLRQ WKH
FXVWRPHUPD\ SHUIRUP3DVVZRUG9HULI\ RSHUDWLRQV
2QFH WKH GHVLUHG SDVVZRUG LV SURJUDPPHG LQ WKH FXVWRPHU PXVW WKHQ VHW WKH
3DVVZRUG0RGH /RFNLQJ%LW 7KLV RSHUDWLRQ DFKLHYHV WZR REMHFWLYHV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com