Electronic Components Datasheet Search
  English  ▼

X  

21FQ045 Datasheet(PDF) 2 Page - International Rectifier

Part # 21FQ045
Description  SCHOTTKY RECTIFIER 30 Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

21FQ045 Datasheet(HTML) 2 Page - International Rectifier

  21FQ045 Datasheet HTML 1Page - International Rectifier 21FQ045 Datasheet HTML 2Page - International Rectifier 21FQ045 Datasheet HTML 3Page - International Rectifier 21FQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
21FQ... Series
2
PD-2.043 rev. D 12/97
www.irf.com
V
FM
Max. Forward Voltage Drop
(1)
0.57
V
@ 30A
* See Fig. 1
0.69
V
@ 60A
0.51
V
@ 30A
0.65
V
@ 60A
I
RM
Max. Reverse Leakage Current (1)
4
mA
T
J
= 25 °C
* See Fig. 2
150
mA
T
J
= 125 °C
C
T
Max. Junction Capacitance
1850
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25 °C
L
S
Typical Series Inductance
6.5
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R
)
T
J
= 25 °C
T
J
= 125 °C
V
R
= rated V
R
Electrical Specifications
Parameters
21FQ
Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
T
J
Max.JunctionTemperatureRange
-65to150
°C
T
stg
Max.StorageTemperatureRange
-65to150
°C
R
thJC
Max.ThermalResistanceJunction
1.25
°C/W
DCoperation
* See Fig. 4
toCase
R
thCS
TypicalThermalResistance,Caseto
0.50
°C/W
Mountingsurface,smoothandgreased
Heatsink
wt
ApproximateWeight
5.8(0.2)
g(oz.)
T
MountingTorque
Min.
14(12)
Non-lubricatedthreads
Max.
23(20)
Case Style
DO-203AA(DO-4)
JEDEC
Kg-cm
(Ibf-in)
Thermal-Mechanical Specifications
Parameters
21FQ
Units
Conditions
I
F(AV)
Max.AverageForwardCurrent
30
A
50%dutycycle@T
C
=107°C,rectangularwaveform
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
7800
5µs Sine or 3µs Rect. pulse
SurgeCurrent *SeeFig.7
600
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
40
mJ
T
J
= 25 °C, I
AS
= 6 Amps, L = 2.2 mH
I
AR
RepetitiveAvalancheCurrent
6
A
Currentdecayinglinearlytozeroin1µsec
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
Parameters
21FQ
Units
Conditions
A
Absolute Maximum Ratings
Following any rated
load condition and
with rated V
RRM
applied
Part number
21FQ035
21FQ040
21FQ045
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
35
40
45
Voltage Ratings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com