Electronic Components Datasheet Search
  English  ▼

X  

BGY883 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGY883
Description  CATV amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY883 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGY883 Datasheet HTML 1Page - NXP Semiconductors BGY883 Datasheet HTML 2Page - NXP Semiconductors BGY883 Datasheet HTML 3Page - NXP Semiconductors BGY883 Datasheet HTML 4Page - NXP Semiconductors BGY883 Datasheet HTML 5Page - NXP Semiconductors BGY883 Datasheet HTML 6Page - NXP Semiconductors BGY883 Datasheet HTML 7Page - NXP Semiconductors BGY883 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Apr 14
3
Philips Semiconductors
Product specification
CATV amplifier module
BGY883
CHARACTERISTICS
Table 1
Bandwidth 40 to 860 MHz; VB = 24 V; Tcase =30 °C; ZS =ZL =75 Ω
Notes
1. fp = 55.25 MHz; Vp = 44 dBmV;
fq = 805.25 MHz; Vq = 44 dBmV;
measured at fp +fq = 860.5 MHz.
2. Measured according to DIN45004B:
fp = 851.25 MHz; Vp =Vo;
fq = 858.25 MHz; Vq =Vo −6 dB;
fr = 860.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 849.25 MHz.
3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
14.5
−
15.5
dB
f = 860 MHz
15
−−
dB
SL
slope cable equivalent
f = 40 to 860 MHz
0
−
2dB
FL
flatness of frequency response
f = 40 to 860 MHz
−−±0.3
dB
S11
input return losses
f = 40 to 80 MHz
20
−−
dB
f = 80 to 160 MHz
18.5
−−
dB
f = 160 to 320 MHz
17
−−
dB
f = 320 to 640 MHz
15.5
−−
dB
f = 640 to 860 MHz
14
−−
dB
S22
output return losses
f = 40 to 80 MHz
20
−−
dB
f = 80 to 160 MHz
18.5
−−
dB
f = 160 to 320 MHz
17
−−
dB
f = 320 to 640 MHz
15.5
−−
dB
f = 640 to 860 MHz
14
−−
dB
S21
phase response
f = 50 MHz
−45
−
+45
deg
CTB
composite triple beat
49 channels flat; Vo = 44 dBmV;
measured at 859.25 MHz
−−−61
dB
Xmod
cross modulation
49 channels flat; Vo = 44 dBmV;
measured at 55.25 MHz
−−−61
dB
CSO
composite second order
distortion
49 channels flat; Vo = 44 dBmV;
measured at 860.5 MHz
−−−61
dB
d2
second order distortion
note 1
−−−68
dB
Vo
output voltage
dim = −60 dB; note 2
58.5
60
−
dBmV
F
noise figure
f = 50 MHz
−−
6dB
f = 550 MHz
−−
7dB
f = 650 MHz
−−
7.5
dB
f = 750 MHz
−−
8dB
f = 860 MHz
−−
8.5
dB
Itot
total current consumption (DC)
note 3
−−
235
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com