Electronic Components Datasheet Search
  English  ▼

X  

412101 Datasheet(PDF) 2 Page - Seme LAB

Part # 412101
Description  Visible Light Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

412101 Datasheet(HTML) 2 Page - Seme LAB

  412101 Datasheet HTML 1Page - Seme LAB 412101 Datasheet HTML 2Page - Seme LAB 412101 Datasheet HTML 3Page - Seme LAB 412101 Datasheet HTML 4Page - Seme LAB 412101 Datasheet HTML 5Page - Seme LAB 412101 Datasheet HTML 6Page - Seme LAB 412101 Datasheet HTML 7Page - Seme LAB 412101 Datasheet HTML 8Page - Seme LAB 412101 Datasheet HTML 9Page - Seme LAB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
412101
Visible Light Detector
Preliminary Datasheet
REVISION A
This document is the property of Semefab (Scotland) Ltd. And is furnished in
confidence and upon the condition that it is neither copied or released to a third
party without prior consent.
Page 2 of
11
2.0 ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Supply input voltage
-0.3 to 10
V
Supply current
Internally limited
mA
Operating Temperature, TO
-40C to +85C
°C
Storage Temperature, TS
-40C to +100C
°C
3.0 ELECTRICAL SPECIFICATION
The following parameters apply over the operating temperature range –40
oC to +85 oC, and
with Rss=10 K-Ohms and Vdd= 5V, as per figure 1.
Parameter
Symbol
Test conditions
Min
Typ
Max
Units
Infra red response
900nm
1
5
% of peak
Minimum operational voltage
Vdd-Vss
250 Lux, Iss= 250uA
2.4
V
100 Lux, Iss= 100uA
1.7
2
V
Light current
Iss
200 Lux
150
200
250
uA
100 Lux
75
100
125
uA
10 Lux
7.5
10
12.5
uA
Dark Current
Idd(dark)
0 Lux, Ta=25
oC
<1
10
nA
0 Lux, Ta=85
oC
150
200
nA
Gain Linearity
-10
10
%
Peak spectral response
520
nm
Sensitive area
0.054
mm
2
Useable light range
Rss & Vdd dependant
1
1000
Lux
Note that with a lower Rss resistance, the linear light response range can be greatly
increased – up to 1000 Lux. See graph on page 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com