Electronic Components Datasheet Search
  English  ▼

X  

AC15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC15
Description  Cemented wirewound resitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AC15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC15 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC15 Datasheet HTML 2Page - List of Unclassifed Manufacturers AC15 Datasheet HTML 3Page - List of Unclassifed Manufacturers AC15 Datasheet HTML 4Page - List of Unclassifed Manufacturers AC15 Datasheet HTML 5Page - List of Unclassifed Manufacturers AC15 Datasheet HTML 6Page - List of Unclassifed Manufacturers AC15 Datasheet HTML 7Page - List of Unclassifed Manufacturers AC15 Datasheet HTML 8Page - List of Unclassifed Manufacturers AC15 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2000 Oct 20
2
BCcomponents
Product specification
Cemented wirewound resistors AC01/03/04/05/07/10/15/20
FEATURES
• High power dissipation in
small volume
• High pulse load handling
capabilities.
APPLICATIONS
• Ballast switching
• Shunt in small electric motors
• Power supplies.
DESCRIPTION
The resistor element is a resistive wire
which is wound in a single layer on a
ceramic rod. Metal caps are pressed
over the ends of the rod.
The ends of the resistance wire and the
leads are connected to the caps by
welding. Tinned copper-clad iron
leads with poor heat conductivity are
employed permitting the use of
relatively short leads to obtain stable
mounting without overheating the
solder joint.
The resistor is coated with a green
silicon cement which is not resistant to
aggressive fluxes. The coating is
non-flammable, will not drip even at
high overloads and is resistant to most
commonly used cleaning solvents, in
accordance with “MIL-STD-202E,
method 215” and “IEC 60068-2-45”.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
AC01
AC03
AC04
AC05
AC07
AC10
AC15
AC20
Resistance range
0.1
Ω=
to
2.4 k
Ω=
0.1
Ω
to
5.1 k
Ω
0.1
Ω
to
6.8 k
Ω
0.1
Ω
to
10 k
Ω
0.1
Ω
to
15 k
Ω
0.68
Ω
to
27 k
Ω
0.82
Ω
to
39 k
Ω
1.2
Ω
to
56 k
Ω
Resistance tolerance
±5%; E24 series
Maximum permissible body temperature
350
°C
Rated dissipation at Tamb =40 °C
1 W3 W4 W5 W
7 W
10 W
15 W
20 W
Rated dissipation at Tamb =70 °C
0.9 W
2.5 W
3.5 W
4.7 W
5.8 W
8.4 W
12.5 W
16 W
Climatic category (IEC 60 068)
40/200/56
Basic specification
IEC 60115-1
Stability after:
load, 1000 hours
∆R/R max.: ±5% + 0.1 Ω
climatic tests
∆R/R max.: ±1% + 0.05 Ω
short time overload
∆R/R max.: ±2% + 0.1 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com