Electronic Components Datasheet Search
  English  ▼

X  

D322CT90V Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # D322CT90V
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D322CT90V Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button D322CT90V Datasheet HTML 3Page - Advanced Micro Devices D322CT90V Datasheet HTML 4Page - Advanced Micro Devices D322CT90V Datasheet HTML 5Page - Advanced Micro Devices D322CT90V Datasheet HTML 6Page - Advanced Micro Devices D322CT90V Datasheet HTML 7Page - Advanced Micro Devices D322CT90V Datasheet HTML 8Page - Advanced Micro Devices D322CT90V Datasheet HTML 9Page - Advanced Micro Devices D322CT90V Datasheet HTML 10Page - Advanced Micro Devices D322CT90V Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7
Am29DL322C/Am29DL323C
ADV ANCE
I N FO RMAT I O N
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am29DL322C/Am29DL323C
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
OPTIONAL PROCESSING
Blank =
Standard Processing
B=
Burn-In
N =
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (-55
°C to +125°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
Z
=
56-Pin Shrink Small Outline Package
(SSO056)
WD
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8 x 14 mm package (FBD063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
Am29DL322C/Am29DL323C
90
E
I
T
Valid Combinations for TSOP and SSOP Packages
AM29DL322CT90,
AM29DL322CB90
EI, ZI
AM29DL323CT90,
AM29DL323CB90
AM29DL322CT120,
AM29DL322CB120
EI, EE, ZI, ZE
AM29DL323CT120,
AM29DL323CB120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29DL322CT90,
AM29DL322CB90
WDI
D322CT90V,
D322CB90V
I
AM29DL323CT90,
AM29DL323CB90
D323CT90V,
D323CB90V
AM29DL322CT120,
AM29DL322CB120
WDI,
WDE
D322CT12V,
D322CB12V
I, E
AM29DL323CT120,
AM29DL323CB120
D323CT12V,
D323CB12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com