Electronic Components Datasheet Search
  English  ▼

X  

ICE40-LP Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # ICE40-LP
Description  16-Ball WLCS Package Option 1: iCE40 LP
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40-LP Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button ICE40-LP Datasheet HTML 35Page - Lattice Semiconductor ICE40-LP Datasheet HTML 36Page - Lattice Semiconductor ICE40-LP Datasheet HTML 37Page - Lattice Semiconductor ICE40-LP Datasheet HTML 38Page - Lattice Semiconductor ICE40-LP Datasheet HTML 39Page - Lattice Semiconductor ICE40-LP Datasheet HTML 40Page - Lattice Semiconductor ICE40-LP Datasheet HTML 41Page - Lattice Semiconductor ICE40-LP Datasheet HTML 42Page - Lattice Semiconductor ICE40-LP Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Package Diagrams
39
64-Ball ucBGA Package
Dimensions in Millimeters
C
4
ddd
bbb
C
C
1
A
A 2
A
ALL DIMENSIONS ARE IN MILLIMETERS.
BILATERAL TOLERANCE ZONE IS APPLIED
PLANE ARE DEFINED BY THE SPHERICAL
EXACT SHAPE AND SIZE OF THIS FEATURE
DIMENSION "b" IS MEASURED AT THE
TO EACH SIDE OF THE PACKAGE BODY.
PRIMARY DATUM
C
AND SEATING
IS OPTIONAL.
CROWNS OF THE SOLDER BALLS.
4
5
6
PER ANSI Y14.5M.
NOTES: UNLESS OTHERWISE SPECIFIED
DIMENSIONS AND TOLERANCES
PARALLEL TO PRIMARY DATUM
C
MAXIMUM SOLDER BALL DIAMETER,
2.
1.
3
0.20
0.25
b
0.30
0.40 BSC
aaa
ddd
bbb
e
-
-
-
-
-
-
0.10
0.08
0.10
NOM.
0.20 BSC
2.80 BSC
4.00 BSC
MIN.
SYMBOL
A2
A1
D/E
M/N
A
S
0.10
MAX.
1.00
0.90
--
-
-
6
-
-
b
.05
.15
3
B
M
M
C
C A
e
S
N
S
e
M
1
A
2
3
4
5
6
7
8
B
C
D
E
F
G
H
aaa
4X
6
D
E
B
A
5
(4X)
PIN #1 ID FIDUCIAL
LOCATED IN THIS AREA
BOTTOM VIEW
TOP VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com