Electronic Components Datasheet Search
  English  ▼

X  

RCMA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCMA
Description  Molded Metal Film Very High Stability and Precision Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMA Datasheet(HTML) 1 Page - Vishay Siliconix

  RCMA Datasheet HTML 1Page - Vishay Siliconix RCMA Datasheet HTML 2Page - Vishay Siliconix RCMA Datasheet HTML 3Page - Vishay Siliconix RCMA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
31
RCMA
Vishay Sfernice
Document Number: 52009
Revision 25-Jul-02
For technical questions, contact sfer@vishay.com
VISHAY SFERNICE SERIES
NF C 83-230
CECC 40 100-803
Power Rating at 70°C
± 0.2%
± 0.5% ± 1%
± 0.1% ± 0.2%
± 0.5% ± 1%
± 0.1% ± 0.2%
± 0.5% ± 1%
Resistance
Value Range
in Relation to
– Tolerance
– Temperature
Coefficient
Maximum Voltage
Critical Resistance
Temperature
Coefficient
rated in the range
– 55°C/+ 155°C
typical in the range
0°C/+ 155°C
Insulation Resistance
Voltage Coefficient
Environmental Specifications
K3
≤ ± 50ppm/°C
K4
≤ ± 25ppm/°C
K5
≤ ±15ppm/°C
> 10
7M
Ω
0.0001% Volt
– 65°C/+ 155°C/56 days
RCMA 02
BE
0.125W
10
Ω
332k
Ω
1
Ω
1M
Ω
10
Ω
332k
Ω
1
Ω
1M
Ω
10
Ω
332k
Ω
10
Ω
1M
Ω
300V
720k
Ω
K4
RS58P
RCMA 05
CE
0.250W
10
Ω
332k
Ω
1
Ω
1M
Ω
10
Ω
332k
Ω
1
Ω
1M
Ω
10
Ω
332k
Ω
10
Ω
1M
Ω
350V
490k
Ω
K4
RS63P
RCMA 08
DE
0.500W
10
Ω
1M
Ω
1
Ω
1.5M
Ω
10
Ω
1M
Ω
1
Ω
1.5M
Ω
10
Ω
750k
Ω
10
Ω
1.5M
Ω
400V
320k
Ω
RS68P
RCMA 1
–
0.75W
10
Ω
1M
Ω
1
Ω
2M
Ω
10
Ω
1M
Ω
1
Ω
2M
Ω
10
Ω
750k
Ω
10
Ω
2M
Ω
500V
333k
Ω
–
RCMA 2
–
1W
10
Ω
1M
Ω
1
Ω
2.5M
Ω
10
Ω
1M
Ω
1
Ω
2.5M
Ω
10
Ω
1M
Ω
10
Ω
2.5M
Ω
–
2W
10
Ω
2.5M
Ω
1
Ω
5M
Ω
10
Ω
2.5M
Ω
1
Ω
5M
Ω
10
Ω
2M
Ω
10
Ω
2.5M
Ω
600V
360k
Ω
–
RCMA 4
800V
320k
Ω
–
K3
K4
K5
Undergoes European Quality Insurance System (CECC)
FEATURES
• 0.1W to 2W at 70°C
• NF C 83-230
• CECC 40 100
• Very high stability: drift < 0.1% after 1000 hours
• Reduced total excursion: high initial precision (to ± 0.1%)
with low temperature coefficient (down to ± 15ppm/°C)
• High reliability
• These models of this series have been the first ones qual
ified by the CNES for spatial applications (certificate N°4
dated October 22, 1972)
• Wide range ohmic values 1
Ω to 5MΩ
• Accurate dimensions, high insulation and great
mechanical strength
• High climatic performances: – 65°C/+ 155°C/56 days
• Matching tolerance: 0.1%
• Tracking T.C.: 5ppm/°C
Molded Metal Film Very High Stability and
Precision Resistors
DIMENSIONS in millimeters
SERIES
DIMEN-
SIONS
RCMA 02
6.7
2.5
0.6
0.26
RCMA 05
10.4
3.66
0.6
0.46
RCMA 08
16.5
6.4
0.8
1.3
RCMA 1
19.3
6.4
0.8
1.5
RCMA 2
29
10.2
0.8
4.4
RCMA 4
54
10.2
0.8
13
A max.
Ø B max.
Ø C
Unit weight in g
TECHNICAL SPECIFICATIONS
25 min.
25 min.
A
Ø C
Ø B


Similar Part No. - RCMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCM-15 ETC2-RCM-15 Datasheet
258Kb / 2P
Compact 15??rack mount display monitor with 7U height
RCM-17 ETC2-RCM-17 Datasheet
269Kb / 2P
Compact 17??rack mount display monitor with 8U height
RCM-19 ETC2-RCM-19 Datasheet
293Kb / 2P
Compact 19??rack mount display monitor with 8.5U height
logo
Mini-Circuits
RCM-3SP4T-18 MINI-RCM-3SP4T-18 Datasheet
557Kb / 7P
RF SP4T Switch Matrix
REV. A
RCM-3SPDT-75F MINI-RCM-3SPDT-75F Datasheet
798Kb / 8P
3 x SP2T Mechanical Switch Assembly
REV. A
More results

Similar Description - RCMA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMA0207 VISHAY-PMA0207 Datasheet
108Kb / 4P
Metal Film Resistors, Precision, High Stability
05-Aug-02
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
logo
American Accurate Compo...
RN50R100BM AAC-RN50R100BM Datasheet
141Kb / 2P
RN Series Molded Metal Film High Precision Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
Molded Metal Film High Stability Resistors
02-Oct-09
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
Ultra Precision Molded Metal Film Resistors
logo
Vishay Siliconix
PSF VISHAY-PSF Datasheet
90Kb / 4P
Metal Film Resistors, High Precision, High Stability, Surface Mount
13-Jul-12
PTF VISHAY-PTF Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
RCMM VISHAY-RCMM_V01 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com