Electronic Components Datasheet Search
  English  ▼

X  

UP1855 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UP1855
Description  HIGH CURRENT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1855 Datasheet(HTML) 2 Page - Unisonic Technologies

  UP1855 Datasheet HTML 1Page - Unisonic Technologies UP1855 Datasheet HTML 2Page - Unisonic Technologies UP1855 Datasheet HTML 3Page - Unisonic Technologies UP1855 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UP1855
PNP SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 4
www.unisonic.com.tw
QW-R220-015.D
ABSOLUATE MAXIUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector -Base Voltage
VCBO
-180
V
Collector -Emitter Voltage
VCEO
-140
V
Emitter -Base Voltage
VEBO
-6
V
Collector Current (Pulse)
ICM
-10
A
Collector Current (DC)
IC
-4
A
Power Dissipation
PD
1
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC = -100µA
-180
-210
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = -10mA
-140
-170
V
Emitter-Base Breakdown Voltage
BVEBO
IE = -100µA
-6
-8
V
Collector Cut-off Current
ICBO
VCB=-150V
VCB=-150V, Ta=100°C
-50
-1
nA
µA
Emitter Cut-off Current
IEBO
VEB=-6V
-10
nA
Collector-Emitter Saturation Voltage
VCE (SAT)
IC=-100mA, IB=-5mA
IC=-500mA, IB=-50mA
IC=-1A, IB=-100mA
IC=-3A, IB=-300mA
-30
-70
-110
-275
-60
-120
-150
-370
mV
Base-Emitter Saturation Voltage
VBE (SAT) IC=-3A, IB=-300mA
-970
-1110
mV
Base-Emitter Turn-On Voltage
VBE (ON) IC=-3A, VCE=-5V
-830
-950
mV
hFE1
IC=-10mA, VCE=-5V
100
200
hFE2
IC=-1A, VCE=-5V
100
300
hFE3
IC=-3A, VCE=-5V
75
140
DC Current Gain
hFE4
IC=-10A, VCE=-5V
10
Transition Frequency
fT
IC=-100mA, VCE=-10V, f=50MHz
110
MHz
Output Capacitance
Cob
VCB=-20V, f=1MHz
40
pF
tON
IC=-1A, VCC=-50V
68
ns
Switching Times
tOFF
IB1=-100mA, IB2=100mA
1030
ns
Note: Pulse test: tP ≤ 300µs, Duty cycle ≤ 2%
CLASSIFICATION OF hFE2
RANK
A
B
RANGE
100 ~ 200
180 ~ 300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com