Electronic Components Datasheet Search
  English  ▼

X  

XC221A Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC221A
Description  1.2VInput/ Output Rail To Rail CMOS Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC221A Datasheet(HTML) 1 Page - Torex Semiconductor

  XC221A Datasheet HTML 1Page - Torex Semiconductor XC221A Datasheet HTML 2Page - Torex Semiconductor XC221A Datasheet HTML 3Page - Torex Semiconductor XC221A Datasheet HTML 4Page - Torex Semiconductor XC221A Datasheet HTML 5Page - Torex Semiconductor XC221A Datasheet HTML 6Page - Torex Semiconductor XC221A Datasheet HTML 7Page - Torex Semiconductor XC221A Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1541
XC221A ETR1201_001.doc
PIN
NUMBER
SYMBOL
FUNCTION
1
VOUT
Output Pin
2
VDD
Positive Power Supply Pin
3
IN+
Positive Input
4
IN-
Negative Input
5
VSS
Negative
Power Supply Pin
◆
Operating Voltage Range (Single Cell)
: 1.2V ~ 10V
◆
Input / Output Rail To Rail Operation
◆
Gain Bandwidth
: 550kHz
◆
Slew Rate
: 0.5V /μS
◆
Low Power Consumption : 100μA
◆
SOT-25 Ultra Small Package
■
PIN CONFIGURATION
■
FEATURES
Operating Voltage Range:1.2 ~ 10V (single cell)
:±0.6 ~ 5V (+ve/-ve supply)
Output Signal
:0.1~2.9V (3V single cell, RL=2kΩ)
Gain Bandwidth
:550kHz (15μA: 210kHz)
Slew Rate
:0.5V/μS
High Capacitance Load :CL=200pF
Low Supply Current
:100μA, 15μA
Ultra Small Package
:SOT-25 mini mold
■
APPLICATIONS
●
Palmtop computers, PDAs
●
Cellular and portable phones
●
Portable audio systems
●
Various battery powered systems
■
PIN ASSIGNMENT
■
GENERAL DESCRIPTION
The XC221A1200MR is an input / output rail to rail CMOS Op
Amp.
With rail to rail functions, operation is guaranteed from power
supplies as low as 1.2V. Moreover, since the XC221A series
comes in an ultra small SOT-25 package, the series is
particularly suited for use with various types of portable
phones. Bandwidths of 550kHz and slew rates of 0.5V can be
achieved even with power consumption as low as 100μA.
Even with large capacitance levels of CL = 200pF (unity gain
connection), the XC221A series will not be susceptible to
oscillation.


Similar Part No. - XC221A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC221A TOREX-XC221A Datasheet
928Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A1100ML TOREX-XC221A1100ML Datasheet
928Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A1100MR TOREX-XC221A1100MR Datasheet
928Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A1100MR TOREX-XC221A1100MR Datasheet
785Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
More results

Similar Description - XC221A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Torex Semiconductor
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LTC6090-5 LINER-LTC6090-5_15 Datasheet
507Kb / 26P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com