Electronic Components Datasheet Search
  English  ▼

X  

AP1346CSA Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1346CSA
Description  Two Coil Fan Motor Predriver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1346CSA Datasheet(HTML) 1 Page - Anachip Corp

  AP1346CSA Datasheet HTML 1Page - Anachip Corp AP1346CSA Datasheet HTML 2Page - Anachip Corp AP1346CSA Datasheet HTML 3Page - Anachip Corp AP1346CSA Datasheet HTML 4Page - Anachip Corp AP1346CSA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP1346/1347
Two Coil Fan Motor Predriver
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.0 Jun 9, 2004
1/5
Features
- Compatible to a Hall element
- Operating voltage (VCC) : 4V to 28V
- Lock shutdown and automatic restart
- Rotation detection (RD) output name as AP1347
- Speed indication output (FG) named as AP1346
- Output current IO=70mA (max)
- Operating temperature (Topr) : -30ºC to +85ºC
- SOP8 package
- Include Thermal Shutdown circuit
Application
- High voltage, high current brushless DC fan
General Description
The AP1346/7 fan motor predriver is suited for
two-coil brush-less DC fan. All functions, including
lock shutdown, automatic restart, speed indication
(FG), have been integrated into one chip. When the
motor is under lock condition, lock shutdown
function turns off the output. When the lock
condition is removed, the IC automatically restarts
and allows DC fan to run. In addition, the FG
function is to indicate the rotation speed and the RD
function is to detect the motor status.
Pin Assignment
AP1346/1347
3
4
8
7
6
5
2
1
HS(+)
VCC
HS(-)
FG/RD
GND
CT
OUT2
OUT1
( Top view )
SOP-8L
Pin Descriptions
Name
Description
VCC
Power input
HS(+)
Hall input
FG /RD
Speed
indication
/
Rotation
detection
HS(-)
Hall input
GND
Ground
CT
Timing capacitor
OUT2
Driver output
OUT1
Driver output
Ordering Information
Part Number
Package
S: SOP-8L
AP134X X - X X X
Packing
Blank : Tube
A : Taping
Lead
L: Lead Free
Blank: Normal
6: AP1346
7: AP1347
Wafer Body
Blank or
A~Z : if necessary
to specify


Similar Part No. - AP1346CSA

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
Tri-Band HBT Power Amplifier Module
More results

Similar Description - AP1346CSA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1306 ANACHIP-AP1306 Datasheet
159Kb / 5P
Two Coil Fan Motor Predriver
Rev. 0.5 Apr 16, 2004
AP1307 ANACHIP-AP1307 Datasheet
161Kb / 5P
Two Coil Fan Motor Predriver
Rev. 0.4 Apr 16, 2004
logo
Melexis Microelectronic...
US62 MELEXIS-US62 Datasheet
408Kb / 11P
Two-coil fan driver
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Silicon Touch Technolog...
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
Double Coil Brushless DC Motor Predriver
logo
Texas Instruments
TMP821 TI1-TMP821 Datasheet
523Kb / 13P
TWO-PHASE HALF-WAVE MOTOR PREDRIVER
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
Two-coil Fan Driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
Two-coil Fan Driver
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com