Electronic Components Datasheet Search
  English  ▼

X  

AP1346FSA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1346FSA
Description  Two Coil Fan Motor Predriver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1346FSA Datasheet(HTML) 4 Page - Anachip Corp

  AP1346FSA Datasheet HTML 1Page - Anachip Corp AP1346FSA Datasheet HTML 2Page - Anachip Corp AP1346FSA Datasheet HTML 3Page - Anachip Corp AP1346FSA Datasheet HTML 4Page - Anachip Corp AP1346FSA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP1346/1347
Two Coil Fan Motor Predriver
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Jun 9, 2004
4/5
Performance Characteristics
Ta (
°C)
25
50
60
70
80
85
90
Pd (mW)
550
440
396
352
308
286
264
Ta (
°C)
95
100
105
110
115
120
125
Pd (mW)
242
220
198
176
154
132
110
P o w e r D issip a tio n C u rve
0
100
200
300
400
500
600
0
2 5
5 0
7 5
1 00
125
150
Ta (。 C)
Pd (m W )
85
Note:SOP-8L package.
Marking Information
Blank : normal
L : Lead Free Package
Y: Year, "01"=2001
"02"=2002
WW: Xth week,01-52
34
2
1
876
5
SOP-8L
Part Number
Logo
Date code
X: internal code
AC
AP1347
YY WW X X
(Top View)
Note: For AP1346, part number is marked as AP1346.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com