Electronic Components Datasheet Search
  English  ▼

X  

RB-AV Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RB-AV
Description  Quality Products. Service Excellence
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RB-AV Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RB-AV Datasheet HTML 1Page - Hammond Manufacturing Ltd. RB-AV Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Outlet Strips
Grill Fan Kits
Mounting Hardware
Horizontal Ring Cable Manager
Universal Rack Shelf
Rack Panels
Two Post Mounting Clamping Shelf
Horizontal Hinged Cable Manager
Horizontal Lacing Strip
Horizontal Steel Finger Cable
Manager
Audio/Visual Cabinet RB-AV Series
The RB-AV Series is a cost-effective and fully assembled enclosed rack system
designed for A/V and Security applications. Fully assembled, the RB-AV Series
includes pre-installed shelves, filler panels, casters and leveling feet.
Features
Constructed in light duty 16-gauge steel.
Includes two (2) pairs of EIA-310-D compliant square hole punched rails
with 19” mounting.
Starter pack of (25) M6 screws, cage nuts and washers included.
For 10-32 hardware see the 1421CNABK Series.
Locking tempered glass front door is opens a full 180°.
Locking solid steel rear door.
Doors can be flipped to hinge from opposite side.
Passive cooling vents located on top, bottom and sides.
Includes provision for optional fans on top panel.
Removable locking side panels.
Removable cable access panels on cabinet top and bottom.
Ships assembled - ready to install.
Specifications
Bottom of cabinet includes:
Four (4) adjustable leveling feet
Four (4) recessed rubber casters work great on carpet.
Includes pre-installed vented shelves and filler/blank panels (see table
below).
Shelf lip is folded down making it easy to slide equipment into the
rack.
Rails can adjust in depth in 25mm increments.
Grounding studs provided on frame.
Finished in smooth black powder paint.
Tested to 950 lbs of equipment load capacity.
RoHS Compliant.
Part of the Rack Basics® line of economy rack solutions.
Accessories
Quality Products. Service Excellence.


Similar Part No. - RB-AV

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-0505 RECOM-RB-0505 Datasheet
90Kb / 2P
ECONOLINE - DC/DC CONVERTER
RB-0505D RECOM-RB-0505D Datasheet
90Kb / 2P
ECONOLINE - DC/DC CONVERTER
RB-0505D RECOM-RB-0505D Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
RB-0505DHP RECOM-RB-0505DHP Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
RB-0505DP RECOM-RB-0505DP Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RB-AV

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP-2625 SIPEX-SP-2625 Datasheet
168Kb / 6P
SIGNAL PROCESSING EXCELLENCE
logo
List of Unclassifed Man...
9845 ETC2-9845 Datasheet
109Kb / 1P
Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
logo
Bel Fuse Inc.
2JS200 BEL-2JS200 Datasheet
87Kb / 2P
DEFINING A DEGREE OF EXCELLENCE
3AG16 BEL-3AG16 Datasheet
89Kb / 2P
BEL DEFINING A DEGREE OF EXCELLENCE
3AP1 BEL-3AP1 Datasheet
89Kb / 2P
BEL DEFINING A DEGREE OF EXCELLENCE
logo
Hammond Manufacturing L...
AHK2 HAMMOND-AHK2 Datasheet
77Kb / 2P
Quality Products. Service Excellence
logo
WALSIN TECHNOLOGY CORPO...
WA04T WALSIN-WA04T Datasheet
223Kb / 7P
Excellence performance in surface mounting assembly
logo
Hammond Manufacturing L...
1591 HAMMOND-1591 Datasheet
289Kb / 3P
Quality Products. Service Excellence
1598 HAMMOND-1598 Datasheet
211Kb / 2P
Quality Products. Service Excellence
logo
Smiths Metal Centres Li...
S154 SMITHS-S154 Datasheet
1Mb / 1P
Service. Quality. Value.
2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com