Electronic Components Datasheet Search
  English  ▼

X  

CD-SERIES Datasheet(PDF) 1 Page - TDK Electronics

Part # CD-SERIES
Description  High Voltage Ceramic Capacitors Commercial Grade
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CD-SERIES Datasheet(HTML) 1 Page - TDK Electronics

  CD-SERIES Datasheet HTML 1Page - TDK Electronics CD-SERIES Datasheet HTML 2Page - TDK Electronics CD-SERIES Datasheet HTML 3Page - TDK Electronics CD-SERIES Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• All specifications are subject to change without notice.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
Issue date:
February 2013
Disc Type Capacitors with Lead
Safety Standard Approved
CD series
High Voltage Ceramic Capacitors
Commercial Grade


Similar Part No. - CD-SERIES

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CD-0-2072-0000-I VCC-CD-0-2072-0000-I Datasheet
704Kb / 4P
CD Series .236″ (6.0mm) LED Indicator, IP67 sealed and Vandal Resistant
12/19
CD-0-2072-9907-I VCC-CD-0-2072-9907-I Datasheet
704Kb / 4P
CD Series .236″ (6.0mm) LED Indicator, IP67 sealed and Vandal Resistant
12/19
CD-0-2072-9908-I VCC-CD-0-2072-9908-I Datasheet
704Kb / 4P
CD Series .236″ (6.0mm) LED Indicator, IP67 sealed and Vandal Resistant
12/19
CD-0-2072-9909-I VCC-CD-0-2072-9909-I Datasheet
704Kb / 4P
CD Series .236″ (6.0mm) LED Indicator, IP67 sealed and Vandal Resistant
12/19
CD-0-2072-9910-I VCC-CD-0-2072-9910-I Datasheet
704Kb / 4P
CD Series .236″ (6.0mm) LED Indicator, IP67 sealed and Vandal Resistant
12/19
More results

Similar Description - CD-SERIES

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520C0G3F101K200KA TDK-C4520C0G3F101K200KA_16 Datasheet
130Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520C0G3F120K085KA TDK-C4520C0G3F120K085KA_16 Datasheet
130Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520C0G3F270K160KA TDK-C4520C0G3F270K160KA_16 Datasheet
131Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F270K160KA TDK-C4520CH3F270K160KA_16 Datasheet
130Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F470K160KA TDK-C4520CH3F470K160KA_16 Datasheet
130Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520JB3A102K130KA TDK-C4520JB3A102K130KA_16 Datasheet
138Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4520JB3A102M130KA TDK-C4520JB3A102M130KA_16 Datasheet
138Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4532X7R3A103K200KA TDK-C4532X7R3A103K200KA_16 Datasheet
138Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4532X7R3A103M200KA TDK-C4532X7R3A103M200KA_16 Datasheet
138Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F271K230KA TDK-C4532CH3F271K230KA_16 Datasheet
130Kb / 1P
Commercial Grade ( High Voltage (1000V and over) )
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com