Electronic Components Datasheet Search
  English  ▼

X  

BAL99 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAL99
Description  SOT-23 Plastic-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAL99 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAL99 Datasheet HTML 1Page - Nanjing International Group Co BAL99 Datasheet HTML 2Page - Nanjing International Group Co BAL99 Datasheet HTML 3Page - Nanjing International Group Co BAL99 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAL99
SWITCHING DIODE
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
Marking: JF
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 100µA
70
V
Reverse voltage leakage current
IR
VR=70V
2.5
µA
Forward voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
0.715
0.855
1
1.25
V
Diode capacitance
CD
VR=0, f=1MHz
1.5
pF
Reveres recovery time
trr
IF=IR=10mA,RL=100Ω,
Irr=0.1×IR
6
nS
-
SOT-23
1
2
3
JF
Maximum Ratings @Ta=25
℃
Non-Repetitive Peak Reverse Voltage
VRM
70
V
DC Blocking Voltage
VR
70
V
Average Rectified Output Current
IO
100
mA
Power Dissipation
PD
225
mW
Operation Junction and Storage Temperature Range
TJ ,TSTG
℃
Forward Surge Current @t=8.3ms
IFSM
A
Non-Repetitive Peak
Parameter
Symbol
Limit
Unit
-55~+150
Thermal Resistance from Junction
to Ambient
RθJA
℃/W
556
2.0
SOT-23 Plastic-Encapsulate Diodes
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/4


Similar Part No. - BAL99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAL99 PANJIT-BAL99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAL99 VISHAY-BAL99 Datasheet
51Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAL99 WTE-BAL99 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAL99

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1SS193 TGS-1SS193 Datasheet
393Kb / 2P
SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148 WILLAS-MMBD4148 Datasheet
394Kb / 3P
SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS181 KISEMICONDUCTOR-1SS181 Datasheet
60Kb / 1P
SOT-23 Plastic-Encapsulate Diodes
1SS187 KISEMICONDUCTOR-1SS187 Datasheet
69Kb / 1P
SOT-23 Plastic-Encapsulate Diodes
1SS193 KISEMICONDUCTOR-1SS193 Datasheet
77Kb / 1P
SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V3 MAKOSEMI-BZX84C3V3 Datasheet
825Kb / 5P
SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAS19 HDSEMI-BAS19 Datasheet
2Mb / 4P
SOT-23 Plastic-Encapsulate Diodes
logo
Microdiode Semiconducto...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
NJ2105LT1G DGNJDZ-NJ2105LT1G Datasheet
1Mb / 5P
SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com