Electronic Components Datasheet Search
  English  ▼

X  

ICS83940DI Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp ICS83940DI Datasheet HTML 10Page - Renesas Technology Corp ICS83940DI Datasheet HTML 11Page - Renesas Technology Corp ICS83940DI Datasheet HTML 12Page - Renesas Technology Corp ICS83940DI Datasheet HTML 13Page - Renesas Technology Corp ICS83940DI Datasheet HTML 14Page - Renesas Technology Corp ICS83940DI Datasheet HTML 15Page - Renesas Technology Corp ICS83940DI Datasheet HTML 16Page - Renesas Technology Corp ICS83940DI Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information
is the most current data available.
www.idt.com/us/en/document/psc/prg32-package-outline-70-x-70-mm-lqfp
Ordering Information
Table 8. Ordering Information
Revision History
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
83940DYILF
ICS83940DYIL
“Lead-Free” 32 Lead LQFP
Tray
-40
C to 85C
83940DYILFT
ICS83940DYIL
“Lead-Free” 32 Lead LQFP
Tape & Reel
-40
C to 85C
Date
Description
January 7, 2020
▪ Removed Output Duty Cycle specification from table 5B.
▪ Updated Output Duty Cycle specifications in table 5C.
▪ Removed 83940DKILF/T devices from Ordering Information table.
▪ Updated Package Outline Drawings section.
▪ Rebranded document to Renesas template.
May 19, 2016
Product Discontinuation Notice - Last time buy expires May 6, 2017. (83940DKILF)
PDN CQ-16-01.
March 20, 2013
Deleted “PROPOSED” stamp.
November 27, 2012
Removed leaded orderables from Ordering Information table.
September 7, 2010
Pin Characteristics Table - ROUT error, typical spec deleted.
Updated Wiring the Differential Input to Accept Single-Ended Levels.
Updated 32 VFQFN Package Outline.
August 13, 2009
Added 32 Lead VFQFN Pin Assignment.
Added VFQFN Thermal Release Path section.
Added 32 VFQFN Thermal Table.
Added 32 Lead VFQFN Package and Dimensions Table.
Ordering Information Table - added 32 Lead VFQFN ordering information.
Converted datasheet format.
February 21, 2007
Absolute Maximum Ratings - corrected Storage Temperature from
“-40°C to 125°C” to “-65°C to 150°C”.
November 27, 2006
Features Section - added Lead-Free bullet.
Application Information Section - added Recommendations for Unused Input and Output Pins.
Application Information Section - added LVPECL Clock Input Interface.
Ordering Information Table - added Lead-Free part number, marking, and note.
Updated datasheet format.
December 12, 2002
Pin Characteristics table - changed ROUT 25 maximum to 28 maximum.
Delete RPULLUP row.
3.3V Output Load AC Test Circuit diagram - corrected GND equation to read
-1.65V... from -1.165V...
Added LVTTL to title.
Updated format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com