Electronic Components Datasheet Search
  English  ▼

X  

ICS874003I-02 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS874003I-02
Description  PCI EXPRESS™ JITTER ATTENUATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS874003I-02 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS874003I-02 Datasheet HTML 8Page - Renesas Technology Corp ICS874003I-02 Datasheet HTML 9Page - Renesas Technology Corp ICS874003I-02 Datasheet HTML 10Page - Renesas Technology Corp ICS874003I-02 Datasheet HTML 11Page - Renesas Technology Corp ICS874003I-02 Datasheet HTML 12Page - Renesas Technology Corp ICS874003I-02 Datasheet HTML 13Page - Renesas Technology Corp ICS874003I-02 Datasheet HTML 14Page - Renesas Technology Corp ICS874003I-02 Datasheet HTML 15Page - Renesas Technology Corp ICS874003I-02 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
13
ICS874003AGI-02 REV A MAY 1, 2013
ICS874003I-02
PCI EXPRESS™ JITTER ATTENUATOR
TABLE 8. ORDERING INFORMATION
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
874003AGI-02LF
ICS4003AI02L
20 lead "Lead Free" TSSOP
Tube
-40°C to +85°C
874003AGI-02LFT
ICS4003AI02L
20 lead "Lead Free" TSSOP
Tape and Reel
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com