Electronic Components Datasheet Search
  English  ▼

X  

ICS91305I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS91305I
Description  HIGH PERFORMANCE COMMUNICATION BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91305I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS91305I Datasheet HTML 1Page - Renesas Technology Corp ICS91305I Datasheet HTML 2Page - Renesas Technology Corp ICS91305I Datasheet HTML 3Page - Renesas Technology Corp ICS91305I Datasheet HTML 4Page - Renesas Technology Corp ICS91305I Datasheet HTML 5Page - Renesas Technology Corp ICS91305I Datasheet HTML 6Page - Renesas Technology Corp ICS91305I Datasheet HTML 7Page - Renesas Technology Corp ICS91305I Datasheet HTML 8Page - Renesas Technology Corp ICS91305I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
HIGH PERFORMANCE COMMUNICATION BUFFER
ICS91305I
IDT® HIGH PERFORMANCE COMMUNICATION BUFFER
1
ICS91305I
REV G 090612
Description
The ICS91305I is a high performance, low skew, low jitter
clock driver. It uses a phase lock loop (PLL) technology to
align, in both phase and frequency, the REF input with the
CLKOUT signal. It is designed to distribute high speed
clocks in communication systems operating at speeds from
10 to 133 MHz.
ICS91305I is a zero delay buffer that provides
synchronization between the input and output. The
synchronization is established via CLKOUT feed back to the
input of the PLL. Since the skew between the input and
output is less than +/- 350 pS, the part acts as a zero delay
buffer.
The ICS91305I comes in an eight pin 150 mil SOIC
package. It has five output clocks. In the absence of REF
input, will be in the power down mode. In this mode, the PLL
is turned off and the output buffers are pulled low. Power
down mode provides the lowest power consumption for a
standby condition.
Features
• Zero input - output delay
• Frequency range 10 - 133 MHz (3.3V)
• 5V tolerant input REF
• High loop filter bandwidth ideal for Spread Spectrum
applications
• Less than 200 ps Jitter between outputs
• Skew controlled outputs
• Skew less than 250 ps between outputs
• Available in 8 pin 150 mil SOIC & 173 mil TSSOP
packages
• 3.3V ±10% operation
• Supports industrial temperature range -40°C to 85°C
Block Diagram


Similar Part No. - ICS91305I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
High Performance Communication Buffer
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
More results

Similar Description - ICS91305I

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A212 MITEL-1A212 Datasheet
198Kb / 10P
High-Performance DUPLEX(Half-Duplex Communication)
1A353 MITEL-1A353 Datasheet
195Kb / 10P
High-Performance Duplex(Half-Duplex Communication)
logo
Integrated Circuit Syst...
ICS91309 ICST-ICS91309 Datasheet
106Kb / 9P
High performance Communication Buffer
ICS91305 ICST-ICS91305 Datasheet
86Kb / 8P
High Performance Communication Buffer
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
High Performance Communication Buffer
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
logo
Texas Instruments
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
High-Performance Clock Buffer
logo
Pericom Semiconductor C...
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
High Performance LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS91305 RENESAS-ICS91305 Datasheet
287Kb / 9P
High Performance Communication Buffer
2019
ICS91309 RENESAS-ICS91309 Datasheet
329Kb / 11P
High Performance Communication Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com