Electronic Components Datasheet Search
  English  ▼

X  

ICS91730 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS91730
Description  LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91730 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS91730 Datasheet HTML 3Page - Renesas Technology Corp ICS91730 Datasheet HTML 4Page - Renesas Technology Corp ICS91730 Datasheet HTML 5Page - Renesas Technology Corp ICS91730 Datasheet HTML 6Page - Renesas Technology Corp ICS91730 Datasheet HTML 7Page - Renesas Technology Corp ICS91730 Datasheet HTML 8Page - Renesas Technology Corp ICS91730 Datasheet HTML 9Page - Renesas Technology Corp ICS91730 Datasheet HTML 10Page - Renesas Technology Corp ICS91730 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ICS91730
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
IDT®
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
7
ICS91730
REV F 061611
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS91730. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over
the recommended operating temperature range.
Electrical Characteristics–Input/Supply/Common Output Parameters
TA = 0 - 85°C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
V
IL
V
SS - 0.3
0.8
V
Input High Current
I
IH
V
IN = V DD
-5
5
mA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
mA
Powerdow n Current
IDD3.3PD
15
mA
fin = 14.318MHz
2
27
41
mA
fin = 66.67MHz
2
32
50
mA
Input Frequency
Fi
V
DD = 3.3 V
14.318
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5
pF
C
OUT
Output pin capacitance
6
pF
C INX
X1 & X2 pins
27
36
45
pF
Transition time
1
Ttra ns
To 1st crossing of target frequency
3
ms
Settling time
1
Ts
From 1st crossing to 1% target frequency
3
ms
Clk Stabilization
1
T
ST AB
From V
DD = 3.3 V to 1% targe t freque ncy
3
ms
Delay
1
tPZH,tPZL
Output enable delay (all outputs)
1
10
ns
1Guaranteed by design, not 100% tested in production.
Input C apacitance
1
Operating Current
IDD3.3OP
2Operating current depends on both the input and output frequencies. The values shown represent the upper and lower
extremes. The higher the input/output frequency, the higher the current draw . The relationship is linear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com