Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-18 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9250-18
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-18 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9250-18 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ICS9250-18
Integrated
Circuit
Systems, Inc.
0387C—09/08/05
Frequency Generator & Integrated Buffers for Celeron & PII/III™
Functionality
Pin Configuration
Recommended Application:
BX, Appollo Pro 133 type of chip set.
Output Features:
•
3 - CPUs @2.5V, up to 166MHz.
•
17 - SDRAM @ 3.3V, up to 166MHz.
•
7 - PCI @3.3V
•
2 - IOAPIC @ 2.5V
•
1 - 48MHz, @3.3V fixed.
•
1 - 24MHz @ 3.3V
•
2 - REF @3.3V, 14.318MHz.
Features:
•
Up to 166MHz frequency support
•
Support power management: CPU, PCI, stop and
Power down Mode form I
2C programming.
•
Spread spectrum for EMI control (± 0.25% center
spread)
•
Uses external 14.318MHz crystal
Key Specifications:
•
CPU – CPU: <175ps
•
CPU – PCI: 1 - 4ns
•
PCI – PCI: <500ps
•
SDRAM - SDRAM: <250ps
56-Pin SSOP
* Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
** Internal Pull-down resistor of 240K to GND on indicated
inputs. 1. This output is double strength.
VDDREF
*FS2/REF1
*PCI_STOP#/REF0
GND
X1
X2
VDDPCI
*MODE/PCICLK_F
*FS3/PCICLK0
GND
VDDPCI
BUFFERIN
SDRAM11
SDRAM10
VDDSDR
SDRAM9
SDRAM8
GND
SDRAM15
SDRAM14
GND
SDATA
SCLK
PCICLK1
PCICLK2
PCICLK3
PCICLK4
PCICLK5
VDDLIOAPIC
IOAPIC0
IOAPIC_F
GND
CPUCLK_F
CPUCLK1
VDDLCPU
CPUCLK2
GND
CPU_STOP#
SDRAM_F
VDDSDR
SDRAM0
SDRAM1
GND
SDRAM2
SDRAM3
SDRAM4
SDRAM5
VDDSDR
SDRAM6
SDRAM7
GND
SDRAM12
SDRAM13
VDD48
24MHz/FS0*
48MHz/FSI*
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
{
I C
2
Block Diagram
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
0000
0
0
.
0
80
0
.
0
4
000
1
0
0
.
5
70
5
.
7
3
00
1
0
1
3
.
3
85
6
.
1
4
00
11
9
.
6
65
4
.
3
3
01
0
0
0
0
.
3
0
13
3
.
4
3
01
01
1
0
.
2
1
14
3
.
7
3
01
1
0
1
0
.
8
61
0
.
4
3
0
111
7
.
0
0
17
5
.
3
3
1
000
0
0
.
0
2
10
0
.
0
4
10
0
1
9
9
.
4
1
13
3
.
8
3
10
10
9
9
.
9
0
16
6
.
6
3
10
1
1
0
0
.
5
0
10
0
.
5
3
11
00
0
0
.
0
4
10
0
.
5
3
11
0
1
0
0
.
0
5
10
5
.
7
3
111
0
0
0
.
4
2
10
0
.
1
3
1111
9
.
3
3
15
2
.
3
3
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9250-18

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-18 ICST-ICS9250-18 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 9/23/99
More results

Similar Description - ICS9250-18

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9248-146 RENESAS-ICS9248-146 Datasheet
347Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-98 RENESAS-ICS9248-98 Datasheet
370Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-99 RENESAS-ICS9248-99 Datasheet
1Mb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-08 RENESAS-ICS9250-08 Datasheet
471Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-28 RENESAS-ICS9250-28 Datasheet
513Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS951703 RENESAS-ICS951703 Datasheet
476Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com