Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-27 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9250-27
Description  Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-27 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9250-27 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IDTTM
Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
0395F—01/25/10
ICS9250-27
Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
2
Pin Description
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1
2
S
FN
I
y
t
il
a
n
o
i
t
c
n
u
f
t
u
p
t
u
o
ll
a
,
y
c
n
e
u
q
e
r
f
U
P
C
s
e
n
i
m
r
e
t
e
D
.
n
i
p
t
c
e
l
e
S
n
o
i
t
c
n
u
F
0
F
E
RT
U
O.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
,
V
3
.
3
31
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
42
XT
U
O
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
)
F
p
3
3
(
p
a
c
,
3
2
,
7
1
,
4
1
,
6
,
5
,
7
4
,
1
4
,
5
3
,
4
2
6
5
,
8
4
D
N
GR
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
7
,
8
,
9)
0
:
2
(
6
6
V
3T
U
OB
U
H
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
z
H
M
6
6
d
e
x
i
F
V
3
.
3
,
1
2
,
1
1
,
0
1
,
2
,
8
3
,
3
3
,
7
2
,
2
2
4
4
D
D
VR
W
Py
l
p
p
u
s
r
e
w
o
p
V
3
.
3
2
1F
_
K
L
C
I
C
PT
U
Ot
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
g
n
i
n
n
u
r
e
e
r
F
,
6
1
,
8
1
,
9
1
,
0
2
3
1
,
5
1
)
0
:
5
(
K
L
C
I
C
PT
U
Os
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
5
20
_
z
H
M
8
4T
U
OB
S
U
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
d
e
x
i
F
V
3
.
3
6
21
_
z
H
M
8
4T
U
O
o
e
d
i
v
/
s
c
i
h
p
a
r
g
r
o
f
t
u
p
t
u
o
r
e
g
n
o
r
t
S
.
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
d
e
x
i
f
V
3
.
3
)
e
t
a
r
e
g
d
e
s
n
/
V
1
m
u
m
i
n
i
m
(
e
c
a
f
r
e
t
n
i
8
2
,
9
2)
0
:
1
(
S
FN
I
t
u
p
t
u
o
ll
a
,
y
c
n
e
u
q
e
r
f
U
P
C
s
e
n
i
m
r
e
t
e
D
.
s
n
i
p
t
c
e
l
e
S
n
o
i
t
c
n
u
F
1
e
g
a
p
n
o
e
l
b
a
t
y
t
il
a
n
o
i
t
c
n
u
F
o
t
r
e
f
e
r
e
s
a
e
l
P
.
y
t
il
a
n
o
i
t
c
n
u
f
0
3A
T
A
D
SO
/
II
r
o
f
n
i
p
a
t
a
D
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
1
3K
L
C
SN
II
f
o
n
i
p
k
c
o
l
C
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
2
3#
D
PN
I
e
c
i
v
e
d
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
i
t
c
a
s
u
o
n
o
r
h
c
n
y
s
A
O
C
V
e
h
t
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
e
h
T
.
e
t
a
t
s
r
e
w
o
p
w
o
l
a
o
t
n
i
t
o
n
l
l
i
w
n
w
o
d
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
e
h
T
.
d
e
p
p
o
t
s
e
r
a
l
a
t
s
y
r
c
e
h
t
d
n
a
.
s
m
3
n
a
h
t
r
e
t
a
e
r
g
e
b
,
0
4
,
9
3
,
7
3
,
6
3
6
4
,
5
4
,
3
4
,
2
4
)
0
:
7
(
M
A
R
D
ST
U
O
f
f
o
d
e
n
r
u
t
e
b
n
a
c
s
t
u
p
t
u
o
M
A
R
D
S
l
l
A
.
z
H
M
0
0
1
g
n
i
n
n
u
r
t
u
p
t
u
o
V
3
.
3
I
h
g
u
o
r
h
t
2C
4
3F
_
M
A
R
D
ST
U
O
I
h
g
u
o
r
h
t
f
f
o
d
e
n
r
u
t
e
b
t
o
n
n
a
c
,
M
A
R
D
S
z
H
M
0
0
1
g
n
i
n
n
u
r
e
e
r
f
V
3
.
3
2C
2
5
,
0
5
,
9
4
K
L
C
U
P
C
)
0
:
2
(
T
U
O
g
n
i
d
n
e
p
e
d
z
H
M
3
3
1
r
o
z
H
M
0
0
1
,
z
H
M
6
6
.
t
u
p
t
u
o
k
c
o
l
c
s
u
b
t
s
o
H
V
5
.
2
.
s
n
i
p
S
F
n
o
3
5
,
1
5L
D
D
VR
W
PC
I
P
A
O
I
&
U
P
C
r
o
f
y
l
p
p
y
u
s
r
e
w
o
p
V
5
.
2
5
5
,
4
5)
0
:
1
(
C
I
P
A
O
IT
U
O.
z
H
M
3
.
3
3
t
a
g
n
i
n
n
u
r
s
t
u
p
t
u
o
k
c
o
l
c
V
5
.
2
The ICS9250-27 is a single chip clock solution for 810/810E and 815 type chipset. It provides all necessary clock
signals for such a system.
Spread spectrum may be enabled through I
2C programming. Spread spectrum typically reduces EMI by 8dB to 10
dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9250-
27 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and
temperature variations.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com