Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-28 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9250-28
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-28 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9250-28 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ICS9250-28
Third party brands and names are the property of their respective owners.
Block Diagram
Recommended Application:
810/810E and 815 type chipset.
Output Features:
•
2 CPU (2.5V) (up to 133MHz achievable through I
2C)
•
13 SDRAM (3.3V) (up to 133MHz achievable
through I
2C)
•
2 PCI (3.3 V) @33.3MHz
•
1 IOAPIC (2.5V) @ 33.3 MHz
•
3 Hublink clocks (3.3 V) @ 66.6 MHz
•
2 (3.3V) @ 48 MHz (Non spread spectrum)
•
1 REF (3.3V) @ 14.318 MHz
Features:
•
Supports spread spectrum modulation,
0 to -0.5% down spread.
•I
2C support for power management
•
Efficient power management scheme through PD#
•
Uses external 14.138 MHz crystal
•
Alternate frequency selections available through I
2C
control.
Functionality
Pin Configuration
56-Pin 300mil SSOP
* This input has a 50K
W pull-down to GND.
IOAPIC
VDDL
GND
*FS1/REF0
VDDREF
X1
X2
GND
VDD3V66
3V66_0
3V66_1
3V66_2
GND
VDDPCI
PCICLK0
PCICLK1
GND
FS0
GND
VDDA
PD#
SCLK
SDATA
GND
VDD48
48MHz_0
48MHz_1
FS2
VDDL
GND
CPUCLK0
CPUCLK1
GND
SDRAM0
SDRAM1
VDDSDR
GND
SDRAM2
SDRAM3
SDRAM4
VDDSDR
GND
SDRAM5
SDRAM6
VDDSDR
GND
SDRAM7
SDRAM8
SDRAM9
VDDSDR
GND
SDRAM10
SDRAM11
VDDSDR
GND
SDRAM12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2
S
F0
S
F1
S
Fn
o
i
t
c
n
u
F
00
X
e
t
a
t
s
i
r
T
01
X
t
s
e
T
10
0
z
H
M
6
6
=
U
P
C
e
v
i
t
c
A
z
H
M
0
0
1
=
M
A
R
D
S
11
0
z
H
M
0
0
1
=
U
P
C
e
v
i
t
c
A
z
H
M
0
0
1
=
M
A
R
D
S
10
1
z
H
M
3
3
1
=
U
P
C
e
v
i
t
c
A
z
H
M
3
3
1
=
M
A
R
D
S
11
1
z
H
M
3
3
1
=
U
P
C
e
v
i
t
c
A
z
H
M
0
0
1
=
M
A
R
D
S
REF0
CPU66/100/133 [1:0]
3V66 (2:0)
SDRAM (12:0)
PCICLK (1:0)
IOAPIC
PLL2
48MHz (1:0)
X1
X2
XTAL
OSC
Control
Logic
Config
Reg
FS(2:0)
PD#
2
2
3
13
2
/2
/2
/3
/2
PLL1
Spread
Spectrum
SDATA
SCLK
Power Groups
Analog
VDDREF = X1, X2
VDDA = PLL1
VDD48 = PLL2
Digital
VDD3V66, VDDPCI
VDDSDR, VDDL


Similar Part No. - ICS9250-28

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-28 ICST-ICS9250-28 Datasheet
198Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 10/26/00
More results

Similar Description - ICS9250-28

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9248-146 RENESAS-ICS9248-146 Datasheet
347Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-98 RENESAS-ICS9248-98 Datasheet
370Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-99 RENESAS-ICS9248-99 Datasheet
1Mb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-08 RENESAS-ICS9250-08 Datasheet
471Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-18 RENESAS-ICS9250-18 Datasheet
316Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
09/08/05
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS951703 RENESAS-ICS951703 Datasheet
476Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com