Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-50 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9250-50
Description  Frequency Generator & Integrated Buffers for PIII & Tualatin™
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-50 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9250-50 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
ICS9250-50
0594B—09/14/05
Block Diagram
Pin Configuration
Recommended Application:
815B Solano B step style chipset
Output Features:
•
2 - CPUs @ 2.5V, up to 133MHz.
•
13 - SDRAM @ 3.3V, up to 133MHz.
•
3 - 3V66 @ 3.3V, 2x PCI MHz.
•
8 - PCI @ 3.3V
•
1 - 48MHz, @ 3.3V fixed
•
1 - 24/48MHz @ 3.3V
•
1 - REF @ 3.3V, 14.318MHz.
•
1 - IOAPIC @ 2.5V 16.67MHz.
Features:
•
Support PC133 SDRAM.
•
Up to 133MHz frequency support
•
Support power management through PD#
•
Spread spectrum for EMI control
(± 0.25% Center Spread or 0 to -0.5% down spread)
•
Uses external 14.318MHz crystal
•
FS pins for frequency select
Key Specifications:
•
CPU Output Jitter: <250ps
•
CPU Output Skew: <175ps
•
PCI Output Skew: <500ps
•
3V66 Output Skew <175ps
•
For group skew timing, please refer to the
Group Timing Relationship Table.
Frequency Generator & Integrated Buffers for PIII & Tualatin™
56-Pin 300 mil SSOP
1. These pins will have 1.5 to 2X drive strength.
* 120K ohm pull-up to VDD on indicated inputs.
Functionality
For other hardware/I
2C selectable frequencies please
refer to Byte 0 frequency select register.
VDDA
X1
X2
GNDA
GND3V66
3V66-1
3V66-2
VDD3V66
VDDPCI
*FS0/PCICLK0
*FS1/PCICLK1
*SEL24_48#/PCICLK2
GNDPCI
PCICLK3
PCICLK4
PCICLK5
VDDPCI
PCICLK6
PCICLK7
GNDPCI
Vtt_PWRGD/PD#
SCLK
SDATA
VDDSDR
SDRAM11
SDRAM10
GNDSDR
3V66-0
1
1
1
REF0/FS4*
VDDLAPIC
IOAPIC
VDDLCPU
CPUCLK0
CPUCLK1
GNDLCPU
GNDSDR
SDRAM0
SDRAM1
SDRAM2
VDDSDR
SDRAM3
SDRAM4
SDRAM5
GNDSDR
SDRAM6
SDRAM7
SDRAM_F
VDDSDR
GND48
24_48MHz/FS2 *
48MHz/FS3*
VDD48
VDDSDR
SDRAM8
SDRAM9
GNDSDR
1
1
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK (1:0)
2
12
8
3
SDRAM (11:0)
IOAPIC
PCICLK (7:0)
SDRAM_F
3V66 (2:0)
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
FS(4:0)
PD#
Vtt_PWRGD
SEL24_48#
SDATA
SCLK
Control
Logic
Config.
Reg.
/ 2
REF0
FS4 FS3 FS2 FS1 FS0
CPU
SDRAM
3V66
PCI
0
0000
66.67
100.00
66.67
33.33
0
1000
100.00
100.00
66.67
33.33
1
0000
133.33
133.33
66.67
33.33
1
1000
133.33
100.00
66.67
33.33
Power Groups
VDD48 = Fixed PLL power
GND48 = Fixed PLL GND
VDDA = Power for CPU PLL
GNDA = GND for CPU PLL


Similar Part No. - ICS9250-50

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
logo
Renesas Technology Corp
ICS9250-08 RENESAS-ICS9250-08 Datasheet
471Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
logo
Integrated Circuit Syst...
ICS9250-09 ICST-ICS9250-09 Datasheet
336Kb / 12P
Frequency Timing Generator for PENTIUM II Systems
Rev J 1/21/00
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
More results

Similar Description - ICS9250-50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9248-146 RENESAS-ICS9248-146 Datasheet
347Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-98 RENESAS-ICS9248-98 Datasheet
370Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-99 RENESAS-ICS9248-99 Datasheet
1Mb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-08 RENESAS-ICS9250-08 Datasheet
471Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-18 RENESAS-ICS9250-18 Datasheet
316Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
09/08/05
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-28 RENESAS-ICS9250-28 Datasheet
513Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS951703 RENESAS-ICS951703 Datasheet
476Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com