Electronic Components Datasheet Search
  English  ▼

X  

ICS93718 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS93718
Description  DDR and SDRAM Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93718 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS93718 Datasheet HTML 1Page - Renesas Technology Corp ICS93718 Datasheet HTML 2Page - Renesas Technology Corp ICS93718 Datasheet HTML 3Page - Renesas Technology Corp ICS93718 Datasheet HTML 4Page - Renesas Technology Corp ICS93718 Datasheet HTML 5Page - Renesas Technology Corp ICS93718 Datasheet HTML 6Page - Renesas Technology Corp ICS93718 Datasheet HTML 7Page - Renesas Technology Corp ICS93718 Datasheet HTML 8Page - Renesas Technology Corp ICS93718 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IDTTM/ICSTM DDR and SDRAM Buffer
ICS93718
REV E 02/11/07
ICS93718
DDR and SDRAM Buffer
Absolute Max
Electrical Characteristics - Input/Supply/Common Output Parameters
Recommended Operating Condition
Supply Voltage (VDD & VDD2.5)
-0.5V to 3.6V
Logic Inputs
GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature
0°C to +85°C
Case Temperature
115°C
Storage Temperature
–65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
SEL_DDR = 0 SDRAM Outputs VDD = 3.3V, TA = 0 - 85°C; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
110
µA
Input Low Current
IIL
VI
= V
DD or GND
-100
-20
µA
IDD3.3_2.5
CL = 0pf, 133MHz
200
250
mA
IDD2.5
CL = 0pf, 133MHz
100
200
mA
IDDPD
CL = 0pf, all frequencies
310
mA
Output High Current
IOH
VDD = 3.3V
, V
OUT = 1V
-74
-18
mA
Output Low Current
IOL
VDD = 3.3V
, V
OUT = 1.2V
26
42
mA
VDD = 3.3V,
VOH = -12mA
VDD = 3.3V
IOH= 12mA
Input Capacitance
1
CIN
VI
= GND or V
DD
2pF
1Guaranteed by design, not 100% tested in production.
Operating Supply Current
High-level output voltage VOH
2V
Low-level output voltage
VOL
0.4
0.35
2.95
SEL_DDR=0 SDRAM Outputs VDD=3.3V, TA = 0 - 85°C; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD3.3_2.5
3.0
3.3
3.6
VDD2.5
2.3
2.5
2.7
Input High Voltage
VIH
SEL_DDR, PD# input
2.0
V
Input Low Voltage
VIL
SEL_DDR, PD# input
0.8
V
Input voltage level
VIN
VDD
V
1Guaranteed by design, not 100% tested in production.
V
Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com